Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 73 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 73 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 69Page - Motorola, Inc HC705J2 Datasheet HTML 70Page - Motorola, Inc HC705J2 Datasheet HTML 71Page - Motorola, Inc HC705J2 Datasheet HTML 72Page - Motorola, Inc HC705J2 Datasheet HTML 73Page - Motorola, Inc HC705J2 Datasheet HTML 74Page - Motorola, Inc HC705J2 Datasheet HTML 75Page - Motorola, Inc HC705J2 Datasheet HTML 76Page - Motorola, Inc HC705J2 Datasheet HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
MOTOROLA
ELECTRICAL
SPECIFICATIONS
MC68HC705J2
10-6
Figure 10-2. Typical High-Side Driver Characteristics
NOTES:
1. Shaded area indicates variation in driver characteristics due to changes in temperature and for normal processing tolerances.
Within the limited range of values shown, V vs I curves are approximately straight lines.
2. At V
= 5.0 V, devices are specified and tested for V
≤ 400 mV @ I
= 1.6 mA.
3. At V
= 3.3 V, devices are specified and tested for V
≤ 300 mV @ I
= 0.4 mA.
400 m
300 m
200 m
100 m
0
0
2.0 mA
4.0 mA
6.0 mA
8.0 mA
10.0 m
350 m
250 m
150 m
50 m
IOL
400 m
300 m
200 m
100 m
0
0
2.0 mA
4.0 mA
6.0 mA
8.0 mA
10.0 m
350 m
250 m
150 m
50 m
IOL
V
= 5.0
DD
V
= 3.3
DD
DD
OL
OL
OL
OL
DD
–40
°C
(SEE
NOTE
1)
–40
°C (SEE
NOTE
1)
Figure 10-3. Typical Low-Side Driver Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com