Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 45 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 45 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 41Page - Motorola, Inc HC705J2 Datasheet HTML 42Page - Motorola, Inc HC705J2 Datasheet HTML 43Page - Motorola, Inc HC705J2 Datasheet HTML 44Page - Motorola, Inc HC705J2 Datasheet HTML 45Page - Motorola, Inc HC705J2 Datasheet HTML 46Page - Motorola, Inc HC705J2 Datasheet HTML 47Page - Motorola, Inc HC705J2 Datasheet HTML 48Page - Motorola, Inc HC705J2 Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-25
4.5.2 WAIT Mode
The WAIT instruction puts the MCU in an intermediate power-consumption
mode. In WAIT mode, the following events occur:
• All CPU clocks stop.
• The CPU clears the interrupt mask in the condition code register,
enabling external interrupts and timer interrupts.
The WAIT instruction does not affect any other registers or any I/O lines. The
timer and COP timer remain active in WAIT mode.
The following conditions bring the MCU out of WAIT mode:
• A timer interrupt. If a real-time interrupt or a timer overflow interrupt
occurs during WAIT mode, the MCU loads the program counter with the
contents of locations $0FF8 and $0FF9, the locations of the vector
address of the timer interrupt service routine.
• An external interrupt. An external interrupt automatically loads the
program counter with the contents of locations $0FFA and $0FFB, the
locations of the vector address of the external interrupt service routine.
• A COP timer reset. A timeout of the COP timer during WAIT mode resets
the MCU. The programmer can enable real-time interrupts so the MCU
can periodically exit WAIT mode to reset the COP timer.
• A reset signal on the RESET pin during WAIT mode resets the MCU.
A COP timer reset or a reset signal on the RESET pin automatically loads the
program counter with the contents of locations $0FFE and $0FFF, the locations
of the vector address of the reset service routine.
Figure 4-3 shows the sequence of events caused by the WAIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com