Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 25 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 25 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 21Page - Motorola, Inc HC705J2 Datasheet HTML 22Page - Motorola, Inc HC705J2 Datasheet HTML 23Page - Motorola, Inc HC705J2 Datasheet HTML 24Page - Motorola, Inc HC705J2 Datasheet HTML 25Page - Motorola, Inc HC705J2 Datasheet HTML 26Page - Motorola, Inc HC705J2 Datasheet HTML 27Page - Motorola, Inc HC705J2 Datasheet HTML 28Page - Motorola, Inc HC705J2 Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-6
4.3.2 Immediate
Immediate instructions are those that contain a value to be used in an operation
with the value in the accumulator or index register.
Immediate instructions
require no memory address and are two bytes long. The opcode is the first byte
and the immediate data value is the second byte. Table 4-2 lists the instructions
that use the immediate addressing mode.
Table 4-2. Immediate Addressing Instructions
Instruction
Mnemonic
Add with Carry
ADC
Add
ADD
Logical AND
AND
Bit Test Memory with Accumulator
BIT
Compare Accumulator with Memory
CMP
Compare Index Register with Memory
CPX
Exclusive OR Memory with Accumulator
EOR
Load Accumulator from Memory
LDA
Load Index Register from Memory
LDX
Inclusive OR
ORA
Subtract with Carry
SBC
Subtract
SUB
4.3.3 Direct
Direct instructions can access any of the first 256 memory addresses with only
two bytes. The first byte is the opcode and the second byte is the low byte of the
operand's address. In the direct addressing mode, the CPU automatically uses
$00 as the high byte of the operand's address.
BRSET and BRCLR are
three-byte instructions that use direct addressing to access the operand and
relative addressing to specify a branch destination.
Table 4-3 lists the
instructions that use the direct addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com