Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 48 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 48 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 44Page - Motorola, Inc HC705J2 Datasheet HTML 45Page - Motorola, Inc HC705J2 Datasheet HTML 46Page - Motorola, Inc HC705J2 Datasheet HTML 47Page - Motorola, Inc HC705J2 Datasheet HTML 48Page - Motorola, Inc HC705J2 Datasheet HTML 49Page - Motorola, Inc HC705J2 Datasheet HTML 50Page - Motorola, Inc HC705J2 Datasheet HTML 51Page - Motorola, Inc HC705J2 Datasheet HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
MOTOROLA
RESETS AND INTERRUPTS
MC68HC705J2
5-2
A 4064 tcyc (internal clock cycle) delay after the oscillator becomes active
allows the clock generator to stabilize. If the RESET pin is at a logical zero at
the end of 4064 tcyc, the MCU remains in the reset condition until the signal on
the RESET pin goes to a logical one.
5.1.2 External Reset
A zero applied to the RESET
pin for one and one-half tcyc generates an
external reset. A Schmitt trigger senses the logic level at the RESET pin.
5.1.3 Computer Operating Properly (COP) Reset
A timeout of the COP timer generates a COP reset. The COP timer is part of a
software error detection system and must be cleared periodically to start a new
timeout period. (See 7.3 COP Timer.) To clear the COP timer and prevent a
COP reset, write a zero to bit 0 (COPR) of the COP control register at location
$0FF0 before the COP timer times out. The COP control register is a write-only
register that returns the contents of an EPROM location when read. See Figure
5-1.
COPR — COP Control Register
$0FF0
Bit 7
654321
Bit 0
———————
COPR
RESET
———————
0
Figure 5-1. COP Control Register
COPR — COP Reset
COPR is a write-only bit. Periodically writing a zero to COPR prevents the COP
timer from resetting the MCU.
5.1.4 Illegal Address Reset
An opcode fetch from an address that is not in the EPROM (locations $0700–
$0EFF), or the RAM ($0090–$00FF) generates an illegal address reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com