Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 28 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 28 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 24Page - Motorola, Inc HC705J2 Datasheet HTML 25Page - Motorola, Inc HC705J2 Datasheet HTML 26Page - Motorola, Inc HC705J2 Datasheet HTML 27Page - Motorola, Inc HC705J2 Datasheet HTML 28Page - Motorola, Inc HC705J2 Datasheet HTML 29Page - Motorola, Inc HC705J2 Datasheet HTML 30Page - Motorola, Inc HC705J2 Datasheet HTML 31Page - Motorola, Inc HC705J2 Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-9
4.3.5 Indexed, No Offset
Indexed instructions with no offset are one-byte instructions that can access
data with variable addresses within the first 256 memory locations. The index
register contains the low byte of the operand's conditional address. The CPU
automatically uses $00 as the high byte of the operand's conditional address,
so these instructions can address locations $0000–$00FF.
Indexed, no offset instructions are often used to move a pointer through a table
or to hold the address of a frequently used RAM or I/O location. Table 4-5 lists
the instructions that use the indexed, no offset addressing mode.
4.3.6 Indexed, 8-Bit Offset
Indexed, 8-bit offset instructions are two-byte instructions that can access data
with variable addresses within the first 511 memory locations. The CPU adds
the unsigned byte in the index register to the unsigned byte following the
opcode. The sum is the conditional address of the operand. These instructions
can address locations $0000–$01FE.
Indexed, 8-bit offset instructions are useful for selecting the kth element in an
n-element table. The table can begin anywhere within the first 256 memory
locations and could extend as far as location 510 ($01FE). The k value would
typically be in the index register, and the address of the beginning of the table
would be in the byte following the opcode. Table 4-5 lists the instructions that
use the indexed, 8-bit offset addressing mode.
4.3.7 Indexed, 16-Bit Offset
Indexed, 16-bit offset instructions are three-byte instructions that can access
data with variable addresses at any location in memory. The CPU adds the
unsigned byte in the index register to the two unsigned bytes following the
opcode. The sum is the conditional address of the operand. The first byte after
the opcode is the high byte of the 16-bit offset; the second byte is the low byte of
the offset. These instructions can address any location in memory.
Indexed, 16-bit offset instructions are useful for selecting the kth element in an
n-element table anywhere in memory.
As with direct and extended addressing, the Motorola assembler determines the
shortest form of indexed addressing.
Table 4-5 lists the instructions that can
use the indexed, 16-bit offset addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com