Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 23 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 23 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc HC705J2 Datasheet HTML 21Page - Motorola, Inc HC705J2 Datasheet HTML 22Page - Motorola, Inc HC705J2 Datasheet HTML 23Page - Motorola, Inc HC705J2 Datasheet HTML 24Page - Motorola, Inc HC705J2 Datasheet HTML 25Page - Motorola, Inc HC705J2 Datasheet HTML 26Page - Motorola, Inc HC705J2 Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-4
4.1.5.3 Negative Flag
The CPU sets the negative flag when an arithmetic operation, logical operation,
or data manipulation produces a negative result. Bit 7 of the negative result is
automatically set, so the negative flag can be used to check an often-tested bit
by assigning it to bit 7 of a register or memory location.
Loading the
accumulator with the contents of that register or location then sets or clears the
negative flag according to the state of the tested bit.
4.1.5.4 Zero Flag
The CPU sets the zero flag when an arithmetic operation, logical operation, or
data manipulation produces a $00.
4.1.5.5 Carry/Borrow Flag
The CPU sets the carry/borrow flag when an addition operation produces a
carry out of bit 7 of the accumulator.
Some logical operations and data
manipulation instructions also clear or set the carry/borrow flag.
4.2 Arithmetic/Logic Unit (ALU)
The ALU performs the arithmetic and logical operations defined by the
instruction set.
The binary arithmetic circuits decode instructions and set up the ALU for the
selected operation. Most binary arithmetic is based on the addition algorithm,
carrying out subtraction as negative addition. Multiplication is not performed as
a discrete operation but as a chain of addition and shift operations within the
ALU. The multiply instruction (MUL) requires 11 internal processor cycles to
complete this chain of operations.
4.3 Addressing Modes
The CPU uses eight addressing modes for flexibility in accessing data. These
addressing modes define the manner in which the CPU finds the data required
to execute an instruction. The eight addressing modes are as follows:
• Inherent
• Immediate
• Direct
• Extended
• Indexed, no offset
• Indexed, 8-bit offset
• Indexed, 16-bit offset
• Relative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com