Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 17 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 13Page - Motorola, Inc HC705J2 Datasheet HTML 14Page - Motorola, Inc HC705J2 Datasheet HTML 15Page - Motorola, Inc HC705J2 Datasheet HTML 16Page - Motorola, Inc HC705J2 Datasheet HTML 17Page - Motorola, Inc HC705J2 Datasheet HTML 18Page - Motorola, Inc HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc HC705J2 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
MOTOROLA
PARALLEL I/O
MC68HC705J2
3-2
I/O
PIN
DATA DIRECTIO
REGISTER
BIT
LATCHED
OUTPUT DATA
BIT
[1]
[2]
[3]
[1] Output buffer enables latched output to drive I/O pin when DDR bit is 1 (output mode).
[2] Input buffer enabled when DDR bit is 0 (input mode).
[3] Input buffer enabled when DDR bit is 1 (output mode).
Figure 3-1. Parallel I/O Port Circuit
Table 3-1. I/O Pin Functions
R/W
DDR Bit
I/O Pin Function
0
0
The I/O pin is an input. Data is written into the output data latch.
0
1
Data is written into the output data latch, which drives the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is an output. The output data latch is read.
NOTE: R/W is an internal MCU signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com