Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 69 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 69 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 65Page - Motorola, Inc HC705J2 Datasheet HTML 66Page - Motorola, Inc HC705J2 Datasheet HTML 67Page - Motorola, Inc HC705J2 Datasheet HTML 68Page - Motorola, Inc HC705J2 Datasheet HTML 69Page - Motorola, Inc HC705J2 Datasheet HTML 70Page - Motorola, Inc HC705J2 Datasheet HTML 71Page - Motorola, Inc HC705J2 Datasheet HTML 72Page - Motorola, Inc HC705J2 Datasheet HTML 73Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
MC68HC705J2
ELECTRICAL
SPECIFICATIONS
MOTOROLA
10-1
SECTION 10
ELECTRICAL SPECIFICATIONS
This section contains parametric and timing information.
10.1 Maximum Ratings
The MCU contains circuitry that protects the inputs against damage from high
static voltages; however, do not apply voltages higher than those shown in
Table 10-1. Keep Vin and Vout within the range VSS ≤ (Vin or Vout) ≤ VDD.
Connect unused inputs to the appropriate logical voltage level, either VSS or
VDD.
Table 10-1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
All Pins in Normal Operation
IRQ /VPP Pin in Bootloader Mode
Vin
VSS – 0.3 to VDD + 0.3
VSS – 0.3 to 2
× VDD + 0.3
V
EPROM Programming Voltage (IRQ /VPP Pin)
VPP
16.75
V
Current Drain Per Pin (ExcludingVDD and VSS)I
25
mA
Operating Temperature Range
MC68HC705J2P, DW (Standard)
MC68HC705J2CP, CDW (Extended)
MC68HC705J2VP , VDW
TA
0 to +70
–40 to +85
–40 to +105
°C
Storage Temperature Range
TSTG
–65 to +150
°C
10.2 Thermal Characteristics
Table 10-2. Thermal Resistance
Characteristic
Symbol
Value
Unit
Thermal Resistance
PDIP
SOIC
θJA
60
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com