Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 57 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 57 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 53Page - Motorola, Inc HC705J2 Datasheet HTML 54Page - Motorola, Inc HC705J2 Datasheet HTML 55Page - Motorola, Inc HC705J2 Datasheet HTML 56Page - Motorola, Inc HC705J2 Datasheet HTML 57Page - Motorola, Inc HC705J2 Datasheet HTML 58Page - Motorola, Inc HC705J2 Datasheet HTML 59Page - Motorola, Inc HC705J2 Datasheet HTML 60Page - Motorola, Inc HC705J2 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
MC68HC705J2
MEMORY
MOTOROLA
6-5
Take the following steps to program a byte of EPROM:
1. Apply 16.5 V to the IRQ /VPP pin.
2. Set the LATCH bit.
3. Write to any EPROM address.
4. Set the EPGM bit for a time tEPGM to apply the programming voltage.
5. Clear the LATCH bit.
6.1.3.2 EPROM Erasing
The erased state of an EPROM bit is zero. Erase the EPROM by exposing it to
15 Ws/cm2 of ultraviolet light with a wavelength of 2537 angstroms. Position the
ultraviolet light source 1 inch from the EPROM. Do not use a shortwave filter.
NOTE
Windowed packages must have the window covered during
programming and operation.
6.1.4 Bootloader ROM
Addresses $0F01–$0FEF contain the bootloader ROM, which can copy and
verify the contents of an external EPROM to the
on-chip EPROM.
See
SECTION 8 BOOTLOADER MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com