Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 20 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 16Page - Motorola, Inc HC705J2 Datasheet HTML 17Page - Motorola, Inc HC705J2 Datasheet HTML 18Page - Motorola, Inc HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc HC705J2 Datasheet HTML 21Page - Motorola, Inc HC705J2 Datasheet HTML 22Page - Motorola, Inc HC705J2 Datasheet HTML 23Page - Motorola, Inc HC705J2 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-1
SECTION 4
CENTRAL PROCESSOR UNIT
This section describes the registers, instruction set, and addressing modes of
the M68HC05 central processor unit (CPU).
4.1 CPU Registers
Figure 4-1 shows the five CPU registers. These are hard-wired registers within
the CPU and are not part of the memory map.
70
A
ACCUMULATOR (A)
70
X
INDEX REGISTER (X)
15
6
5
0
0000000011
SP
STACK POINTER (SP)
15
12 11
*
87
0
0000
PCH
PCL
PROGRAM COUNTER (PC)
75
4
0
1
1
1
H
I
N
Z
C
CONDITION CODE REGISTER
(CCR)
CARRY/BORROW FLAG
ZERO FLAG
NEGATIVE FLAG
INTERRUPT MASK
HALF-CARRY FLAG
*Bit 11 of the program counter is fixed at 0 in MC68HC05J1 emulation mode.
Figure 4-1. Programming Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com