Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 76 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 76 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 70Page - Motorola, Inc HC705J2 Datasheet HTML 71Page - Motorola, Inc HC705J2 Datasheet HTML 72Page - Motorola, Inc HC705J2 Datasheet HTML 73Page - Motorola, Inc HC705J2 Datasheet HTML 74Page - Motorola, Inc HC705J2 Datasheet HTML 75Page - Motorola, Inc HC705J2 Datasheet HTML 76Page - Motorola, Inc HC705J2 Datasheet HTML 77Page - Motorola, Inc HC705J2 Datasheet HTML 78Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
MC68HC705J2
ELECTRICAL
SPECIFICATIONS
MOTOROLA
10-9
10.7 Control Timing (VDD = 3.3 Vdc)
Table 10-6. Control Timing (VDD = 3.3 Vdc)
(VDD = 3.3 Vdc
± 10%, VSS = 0 Vdc; TA = TL to TH)
Characteristic
Symbol
Min
M a x
Unit
Oscillator Frequency
Crystal Option
External Clock Option
fosc
—
dc
2.0
2.0
MHz
Internal Operating Frequency
Crystal (fosc ÷ 2)
External Clock (fosc ÷ 2)
fop
—
dc
1.0
1.0
MHz
Cycle Time
tcyc
1000
—
ns
RESET Pulse Width
tRL
1.5
—
tcyc
Timer Resolution (NOTE 1)
tRESL
4.0
—
tcyc
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
250
—
ns
Interrupt Pulse Period
tILIL
(NOTE 2)
—
tcyc
OSC1 Pulse Width
tOH, tOL
400
—
ns
NOTES:
1. The 2-bit timer prescaler is the limiting factor in determining timer resolution.
2. The minimum period tILIL should not be less than the number of cycle times it takes to execute
the interrupt service routine plus 19 tcyc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com