Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 37 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 33Page - Motorola, Inc HC705J2 Datasheet HTML 34Page - Motorola, Inc HC705J2 Datasheet HTML 35Page - Motorola, Inc HC705J2 Datasheet HTML 36Page - Motorola, Inc HC705J2 Datasheet HTML 37Page - Motorola, Inc HC705J2 Datasheet HTML 38Page - Motorola, Inc HC705J2 Datasheet HTML 39Page - Motorola, Inc HC705J2 Datasheet HTML 40Page - Motorola, Inc HC705J2 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
MOTOROLA
MC68HC705J1A
4-18
Rev. 1
BHCS
rel
Branch if Half-Carry
Bit Set
PC
← (PC) + 2 + rel ? H = 1
—————
REL
29
rr
3
BHI
rel
Branch if Higher
PC
← (PC) + 2 + rel ? C ∨ Z = 0 —————
REL
22
rr
3
BHS
rel
Branch if Higher or
Same
PC
← (PC) + 2 + rel ? C = 0
—————
REL
24
rr
3
BIH
rel
Branch if IRQ Pin
High
PC
← (PC) + 2 + rel ? IRQ = 1 —————
REL
2F
rr
3
BIL
rel
Branch if IRQ Pin
Low
PC
← (PC) + 2 + rel ? IRQ = 0 —————
REL
2E
rr
3
BIT #
opr
BIT
opr
BIT
opr
BIT
opr,X
BIT
opr,X
BIT ,X
Bit Test
Accumulator with
Memory Byte
(A)
∧ (M)
— —
—
IMM
DIR
EXT
IX2
IX1
IX
A5
B5
C5
D5
E5
F5
ii
dd
hh ll
ee ff
ff
p
2
3
4
5
4
3
BLO
rel
Branch if Lower
(Same as BCS)
PC
← (PC) + 2 + rel ? C = 1
—————
REL
25
rr
3
BLS
rel
Branch if Lower or
Same
PC
← (PC) + 2 + rel ? C ∨ Z = 1 —————
REL
23
rr
3
BMC
rel
Branch if Interrupt
Mask Clear
PC
← (PC) + 2 + rel ? I = 0
—————
REL
2C
rr
3
BMI
rel
Branch if Minus
PC
← (PC) + 2 + rel ? N = 1
—————
REL
2B
rr
3
BMS
rel
Branch if Interrupt
Mask Set
PC
← (PC) + 2 + rel ? I = 1
—————
REL
2D
rr
3
BNE
rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? Z = 0
—————
REL
26
rr
3
BPL
rel
Branch if Plus
PC
← (PC) + 2 + rel ? N = 0
—————
REL
2A
rr
3
BRA
rel
Branch Always
PC
← (PC) + 2 + rel ? 1 = 1
—————
REL
20
rr
3
BRCLR
n opr rel Branch if bit n clear
PC
← (PC) + 2 + rel ? Mn = 0
————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRSET
n opr rel Branch if Bit n Set
PC
← (PC) + 2 + rel ? Mn = 1
————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN
rel
Branch Never
PC
← (PC) + 2 + rel ? 1 = 0
—————
REL
21
rr
3
Table 4-12. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
HIN Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com