Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 75 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 70Page - Motorola, Inc HC705J2 Datasheet HTML 71Page - Motorola, Inc HC705J2 Datasheet HTML 72Page - Motorola, Inc HC705J2 Datasheet HTML 73Page - Motorola, Inc HC705J2 Datasheet HTML 74Page - Motorola, Inc HC705J2 Datasheet HTML 75Page - Motorola, Inc HC705J2 Datasheet HTML 76Page - Motorola, Inc HC705J2 Datasheet HTML 77Page - Motorola, Inc HC705J2 Datasheet HTML 78Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
MOTOROLA
ELECTRICAL
SPECIFICATIONS
MC68HC705J2
10-8
10.6
Control Timing (VDD = 5.0 Vdc)
Table 10-5. Control Timing (VDD = 5.0 Vdc)
(VDD = 5.0 Vdc
± 10%, VSS = 0 Vdc; TA = TL to TH)
Characteristic
Symbol
Min
M a x
Unit
Oscillator Frequency
Crystal Option
External Clock Option
fosc
—
dc
4.2
4.2
MHz
Internal Operating Frequency
Crystal (fosc ÷ 2)
External Clock (fosc ÷ 2)
fop
—
dc
2.1
2.1
MHz
Cycle Time
tcyc
480
—
ns
RESET Pulse Width
tRL
1.5
—
tcyc
Timer Resolution (NOTE 1)
tRESL
4.0
—
tcyc
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
125
—
ns
Interrupt Pulse Period
tILIL
(NOTE 2)
—
tcyc
OSC1 Pulse Width
tOH, tOL
90
—
ns
Programming Time per Byte
tEPGM
4—
ms
NOTES:
1. The 2-bit timer prescaler is the limiting factor in determining timer resolution.
2. The minimum period tILIL should not be less than the number of cycle times it takes to execute
the interrupt service routine plus 19 tcyc.
1
IRQ
n
IRQ
IRQ (PIN
IRQ (MCU
ILIH
t
ILIL
t
ILIH
t
NORMALLY
USED WITH
WIRED–OR
CONNECTIO
Edge and Level-Sensitive Trigger — If IRQ remains low after interrupt is serviced, the next interrupt is recognized.
Edge-Sensitive Trigger — The minimum t
is either 125 ns (V
= 5 V) or 250 ns (V
= 3 V). The period t
should not be less than the number of t
cycles it takes to execute the interrupt service routine plus 19 t
cycles.
ILIH
DD
DD
ILIL
cyc
cyc
Figure 10-6. External Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com