Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 16 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 12Page - Motorola, Inc HC705J2 Datasheet HTML 13Page - Motorola, Inc HC705J2 Datasheet HTML 14Page - Motorola, Inc HC705J2 Datasheet HTML 15Page - Motorola, Inc HC705J2 Datasheet HTML 16Page - Motorola, Inc HC705J2 Datasheet HTML 17Page - Motorola, Inc HC705J2 Datasheet HTML 18Page - Motorola, Inc HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
MC68HC705J2
PARALLEL I/O
MOTOROLA
3-1
SECTION 3
PARALLEL I/O
This section describes the two bidirectional I/O ports.
3.1 I/O Port Function
The 14 I/O pins form two I/O ports. Each I/O pin is programmable as an input or
an output. The contents of a port data direction register (DDR) determine the
data direction for the port. Writing a 1 to a DDR bit enables the output buffer for
the associated port pin; a 0 disables the output buffer. A reset initializes all
implemented DDR bits to 0, configuring all I/O pins as inputs.
NOTE
Connect any unused inputs and I/O pins to an appropriate logical
level, either VDD or VSS. Although the I/O ports do not require
termination
for
proper
operation,
termination
reduces
the
possibility of electrostatic damage.
A reset does not initialize the two port data registers. The port data registers for
ports A and B are at addresses $0000 and $0001. To avoid undefined levels,
write the data registers before writing the data direction registers.
With an I/O port pin programmed as an output, reading the pin actually reads
the value of the output data latch and not the voltage on the pin itself. When a
pin is programmed as an input, reading the port bit reads the voltage level on
the I/O pin. The output data latch can always be written, regardless of the state
of its DDR bit. Refer to Figure 3-1 for typical port circuitry, and to Table 3-1 for a
summary of I/O pin functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com