Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 27 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 27 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 23Page - Motorola, Inc HC705J2 Datasheet HTML 24Page - Motorola, Inc HC705J2 Datasheet HTML 25Page - Motorola, Inc HC705J2 Datasheet HTML 26Page - Motorola, Inc HC705J2 Datasheet HTML 27Page - Motorola, Inc HC705J2 Datasheet HTML 28Page - Motorola, Inc HC705J2 Datasheet HTML 29Page - Motorola, Inc HC705J2 Datasheet HTML 30Page - Motorola, Inc HC705J2 Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-8
4.3.4 Extended
Extended instructions can access any address in memory with only three bytes.
The first byte is the opcode; the second and third bytes are the high and low
bytes of the operand's address.
When using the Motorola assembler, the programmer does not need to specify
whether an instruction is direct or extended.
The assembler automatically
selects the shortest form of the instruction. Table 4-4 lists the instructions that
use the extended addressing mode.
Table 4-4. Extended Addressing Instructions
Instruction
Mnemonic
Add with Carry
ADC
Add
ADD
Logical AND
AND
Bit Test Memory with Accumulator
BIT
Compare Accumulator with Memory
CMP
Compare Index Register with Memory
CPX
Exclusive OR Memory with Accumulator
EOR
Jump
JMP
Jump to Subroutine
JSR
Load Accumulator from Memory
LDA
Load Index Register from Memory
LDX
Inclusive OR
ORA
Subtract with Carry
SBC
Store Accumulator in Memory
STA
Store Index Register in Memory
STX
Subtract
SUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com