Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 19 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 15Page - Motorola, Inc HC705J2 Datasheet HTML 16Page - Motorola, Inc HC705J2 Datasheet HTML 17Page - Motorola, Inc HC705J2 Datasheet HTML 18Page - Motorola, Inc HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc HC705J2 Datasheet HTML 21Page - Motorola, Inc HC705J2 Datasheet HTML 22Page - Motorola, Inc HC705J2 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
MOTOROLA
PARALLEL I/O
MC68HC705J2
3-4
3.3 Port B
Port B is a 6-bit general-purpose bidirectional I/O port. The contents of DDRB
determine whether each pin is an input or an output. Figures 3-4 and 3-5 show
the port B data register and DDRB.
PORTB — Port B Data Register
$0001
Bit 7
654321
Bit 0
0
0
PB5
PB4
PB3
PB2
PB1
PB0
RESET:
NOT CHANGED BY RESET
Figure 3-4. Port B Data Register
PB5–PB0 — Port B Data Bits
These read/write bits are software-programmable.
Data direction of each bit is
under the control of the corresponding DDRA bit.
DDRB — Port B Data Direction Register
$0005
Bit 7
654321
Bit 0
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
RESET:
00000000
Figure 3-5. Port B Data Direction Register
DDRB7–DDRB0 — Port B Data Direction Bits
These read/write bits control port B data direction.
1 = Corresponding port B pin configured as output
0 = Corresponding port B pin configured as input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com