Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 53 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 53 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 49Page - Motorola, Inc HC705J2 Datasheet HTML 50Page - Motorola, Inc HC705J2 Datasheet HTML 51Page - Motorola, Inc HC705J2 Datasheet HTML 52Page - Motorola, Inc HC705J2 Datasheet HTML 53Page - Motorola, Inc HC705J2 Datasheet HTML 54Page - Motorola, Inc HC705J2 Datasheet HTML 55Page - Motorola, Inc HC705J2 Datasheet HTML 56Page - Motorola, Inc HC705J2 Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
MC68HC705J2
MEMORY
MOTOROLA
6-1
SECTION 6
MEMORY
This section describes the organization of the on-chip memory.
6.1 Memory Map
The CPU can address 4 Kbytes of memory space.
The program counter
normally advances one address at a time through the memory, reading the
program instructions and data.
The EPROM portion of memory holds the
program instructions, fixed data, user-defined vectors, and service routines.
The RAM portion of memory holds variable
data.
I/O registers
are
memory-mapped so that the CPU can access their locations in the same way
that it accesses all other memory locations.
Figure 6-1 is a memory map of the MCU. Figure 6-2 is a more detailed memory
map of the 32-byte I/O register section.
6.1.1 Input/Output Section
The first 32 addresses of the memory space, $0000–$001F, are defined as the
I/O section. These are the addresses of the I/O control registers, I/O status
registers, and I/O data registers.
6.1.2 RAM
The MCU has 112 bytes of fully static read/write memory for storage of variable
and temporary data during program execution. RAM addresses $00C0–$00FF
serve as the stack. The CPU uses the stack to save CPU register contents
before processing an interrupt or subroutine call.
The stack pointer decrements
during pushes and increments during pulls.
NOTE
Be careful if using the stack addresses ($00C0–$00FF) for data
storage or as a temporary work area.
The CPU may overwrite
data in the stack during a subroutine or interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com