Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 64 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 64 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 60Page - Motorola, Inc HC705J2 Datasheet HTML 61Page - Motorola, Inc HC705J2 Datasheet HTML 62Page - Motorola, Inc HC705J2 Datasheet HTML 63Page - Motorola, Inc HC705J2 Datasheet HTML 64Page - Motorola, Inc HC705J2 Datasheet HTML 65Page - Motorola, Inc HC705J2 Datasheet HTML 66Page - Motorola, Inc HC705J2 Datasheet HTML 67Page - Motorola, Inc HC705J2 Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
MOTOROLA
BOOTLOADER
MODE
MC68HC705J2
8-2
OSC1
OSC2
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
RESET
1
µF
4 MHz
Ω
10 M
15 pF
15 pF
VPP
10 k
Ω
VDD
PB0
PB1
VDD
PB2
PB3
330
Ω
330
Ω
PROGRAM
VERIFY
PB5
PB4
V
VDD
10 k
Ω
2764
MC14040
A12
D0
D1
D2
D3
D4
D5
D6
D7
CE
OE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
RST
CLK
IRQ/V
PP
DD
VDD
10 k
Ω
10 k
Ω
VSS
123
CONNECT 2 AND 3 FOR
MC68HC705J2 NATIVE MO
CONNECT 1 AND 2 FOR
MC68HC05J1 EMULATION M
10
3
4
9
5
6
7
8
20
2
1
19
18
17
16
15
14
13
12
11
S2
S1
MC68JC705
Figure 8-1. Bootloader Circuit
The bootloader function begins when a rising edge occurs on the RESET pin
while the IRQ /VPP pin is at VPP, the PB1 pin is at logical one, and the PB0 pin is
grounded.
The PB2 pin selects the bootloader function, as the following table shows.
Table 8-1. Bootloader Function Selection
P B 2
Bootloader Function
1
Program and Verify
0
Verify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com