Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 43 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 39Page - Motorola, Inc HC705J2 Datasheet HTML 40Page - Motorola, Inc HC705J2 Datasheet HTML 41Page - Motorola, Inc HC705J2 Datasheet HTML 42Page - Motorola, Inc HC705J2 Datasheet HTML 43Page - Motorola, Inc HC705J2 Datasheet HTML 44Page - Motorola, Inc HC705J2 Datasheet HTML 45Page - Motorola, Inc HC705J2 Datasheet HTML 46Page - Motorola, Inc HC705J2 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-23
4.5 Low-Power Modes
The following paragraphs describe the STOP and WAIT modes. (Refer also to
6.2Data Retention Mode.)
4.5.1 STOP Mode
The STOP instruction puts the MCU in its lowest power-consumption mode. In
STOP mode, the following events occur:
• The CPU clears TOF and RTIF, the timer interrupt flags in the timer
control and status register, removing any pending timer interrupts.
• The CPU clears TOIE and RTIE, the timer interrupt enable bits in the timer
control and status register, disabling further timer interrupts.
• The CPU clears the divide-by-four timer prescaler.
• The CPU clears the interrupt mask in the condition code register,
enabling external interrupts.
• The internal oscillator stops, halting all internal processing, including
operation of the timer and the COP timer.
The STOP instruction does not affect any other registers or any I/O lines.
The following conditions bring the MCU out of STOP mode:
• An external interrupt. An external interrupt automatically loads the
program counter with the contents of locations $0FFA and $0FFB, the
locations of the vector address of the external interrupt service routine.
• A reset signal on the RESET pin. A reset automatically loads the
program counter with the contents of locations $0FFE and $0FFF, the
locations of the vector address of the reset service routine.
Refer to Figure 10-7 in SECTION 10 ELECTRICAL SPECIFICATIONS for
STOP recovery timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com