Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 47 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 43Page - Motorola, Inc HC705J2 Datasheet HTML 44Page - Motorola, Inc HC705J2 Datasheet HTML 45Page - Motorola, Inc HC705J2 Datasheet HTML 46Page - Motorola, Inc HC705J2 Datasheet HTML 47Page - Motorola, Inc HC705J2 Datasheet HTML 48Page - Motorola, Inc HC705J2 Datasheet HTML 49Page - Motorola, Inc HC705J2 Datasheet HTML 50Page - Motorola, Inc HC705J2 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
MC68HC705J2
RESETS AND INTERRUPTS
MOTOROLA
5-1
SECTION 5
RESETS AND INTERRUPTS
This section describes how resets reinitialize the MCU and how interrupts
temporarily change the normal processing sequence.
5.1 Resets
A reset immediately stops the operation of the instruction being executed. A
reset initializes certain control bits to known conditions and loads the program
counter with a user-defined reset vector address.
The following conditions
produce a reset:
• Initial power-up (power-on reset)
• A logical zero applied to the RESET pin (external reset)
• Timeout of the COP timer (COP reset)
• An opcode fetch from an address not in the memory map (illegal address
reset)
A reset does the following things to reinitialize the MCU:
• Clears all implemented data direction register bits so that the
corresponding I/O pins are inputs
• Loads the stack pointer with $FF
• Sets the interrupt mask, inhibiting interrupts
• Clears the TOFE and RTIE bits in the timer control and status register
• Clears the STOP latch, enabling the CPU clocks
• Clears the WAIT latch, waking the CPU from the WAIT mode
• Loads the program counter with the user-defined reset vector
5.1.1 Power-On Reset
A positive transition on the VDD pin generates a power-on reset. The power-on
reset is strictly for power-up conditions and cannot be used to detect drops in
power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com