Electronic Components Datasheet Search
  English  ▼

X  

HC705J2 Datasheet(PDF) 72 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 72 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 68Page - Motorola, Inc HC705J2 Datasheet HTML 69Page - Motorola, Inc HC705J2 Datasheet HTML 70Page - Motorola, Inc HC705J2 Datasheet HTML 71Page - Motorola, Inc HC705J2 Datasheet HTML 72Page - Motorola, Inc HC705J2 Datasheet HTML 73Page - Motorola, Inc HC705J2 Datasheet HTML 74Page - Motorola, Inc HC705J2 Datasheet HTML 75Page - Motorola, Inc HC705J2 Datasheet HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
MOTOROLA
ELECTRICAL
SPECIFICATIONS
MC68HC705J2
10-4
10.5 DC Electrical Characteristics (VDD = 3.3 Vdc)
Table 10-4. DC Electrical Characteristics (VDD = 3.3 Vdc)
Characteristic
Symbol
Min
T y p
M a x
Unit
Output Voltage
Iload = 10.0 µA
Iload = –10.0 µA
VOL
VOH
—
VDD – 0.1
—
—
0.1
—
V
Output High Voltage (Iload = –0.2 mA)
PA7–PA0, PB5–PB0
VOH
VDD – 0.3
—
—
V
Output Low Voltage (Iload = 0.4 mA)
PA7–PA0, PB5–PB0
VOL
—
—
0.3
V
Input High Voltage
PA7–PA0, PB5–PB0, IRQ /VPP, RESET , OSC1
VIH
0.7
× VDD
—VDD
V
Input Low Voltage
PA7–PA0, PB5–PB0, IRQ /VPP, RESET , OSC1
VIL
VSS
—
0.2
× VDD
V
Supply Current (See NOTES.)
Run
Wait
Stop
25
°C
–40 to +85
°C
IDD
—
—
—
—
1.3
0.7
1.0
—
2.0
1.0
20
50
mA
mA
µA
µA
I/O Ports High-Z Leakage Current
PA7–PA0, PB5–PB0
Ioz
——
±10
µA
Input Current
RESET , IRQ /VPP, OSC1
Iin
——
±1
µA
Capacitance
Ports (as input or output)
RESET , IRQ /VPP
Cout
Cin
—
—
—
—
12
8
pF
pF
NOTES:
1. Typical values at midpoint of voltage range, 25
°C only.
2. Run (operating) IDD and Wait IDD measured using external square wave clock source (fosc = 2 MHz), all
inputs 0.2 V from rail; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2.
3. Wait IDD and Stop IDD: all ports configured as inputs; VIL = 0.2 V, VIH = VDD – 0.2 V.
4. Stop IDD measured with OSC1 = VSS.
5. Standard temperature range is 0
°C to 70 °C.
6. OSC2 capacitance linearly affects Wait IDD .
R1
TEST POIN
VDD
R2
VDD
PINS
PA7–PA0, PB5–P
4.5 V
3.0 V
R1
3.26 k
Ω
10.91 k
Ω
R2
2.38 k
Ω
6.32 k
Ω
C
50 pF
50 pF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com