Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 31Page - Richtek Technology Corporation RT5508 Datasheet HTML 32Page - Richtek Technology Corporation RT5508 Datasheet HTML 33Page - Richtek Technology Corporation RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation RT5508 Datasheet HTML 38Page - Richtek Technology Corporation RT5508 Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
35
ADDR
Byte
Bits
R/W
Name
Description
Default
0x22
1
7
R/W
EN_AMP_OCP_LATCH
1 : Enable amplifier OCP latch
0
6:4
R/W
AUDIO_IN2_SEL
audio_in2 delay selection :
000 : No delay
001 : 0.5
s
010 : 1.0
s
011 : 1.5
s
100 : 2.0
s
101 : 2.5
s
Others : Rsvd
3'b000
3:2
R/W
SLEW_RATE
VBST slew rate when using adaptive
mode :
00 : 2.5mV/
s
01 : 5mV/
s
10 : 20mV/
s
11 : 10mV/
s
2’b01
1:0
R/W
BST_TOT
Level timeout time :
00 : 500
s
01 : 1ms
10 : 2ms
11 : 4ms
2’b01
0x23
1
7:0
R/W
SIG_GAIN
Signal path gain :
SIG_GAIN = DA gain * other analog gain *
10
8’h69
0x24
1
7
R/W
D_VBB_7P5V_EN
Enable to slow the gate driver slew rate for
7.5V operation
0
6
R/W
D_FCCM
Force boost operate in CCM mode
1
5
R/W
D_DCM_EN
DCM enable :
0 : Disable
1 : Enable
1’b0
4
R/W
PSM_EN
PSM enable :
0 : Disable
1 : Enable
1’b0
3:2
-
Reserved
-
-
1:0
R/W
PSM_THR2
PSM VREF threshold :
00 : 10mV
01 : 20mV
10 : 30mV
11 : 40mV
2’b01
0x25
1
7
R/W
BST_FORCE_FSW3X
Force boost switching frequency from
2MHz to 6MHz
0
6
R/W
BST_AUTO_FSW3X
Auto detect to make boost switching
frequency from 2MHz to 6MHz
0
5:0
R/W
PSM_THR1
PSM IPEAK value setting :
When 6-bit IDAC1 < PSM_THR1, PSM
mode is enabled if PSM_EN and
DCM_EN is on. The actual IPEAK is
calculated as following:
IPEAK ~ (IDAC1(6-bit) * 0.625e-3 *12.2 *
50 /6.1)
–
(slope_comp * (1-VBAT * effi / VBST))
6’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com