Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 47 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 47 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 43Page - Richtek Technology Corporation RT5508 Datasheet HTML 44Page - Richtek Technology Corporation RT5508 Datasheet HTML 45Page - Richtek Technology Corporation RT5508 Datasheet HTML 46Page - Richtek Technology Corporation RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation RT5508 Datasheet HTML 51Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
47
ADDR
Byte
Bits
R/W
Name
Description
Default
0x9b
1
7:1
-
Reserved
-
0x9c
4
31:29
-
Reserved
-
28:16
R/W
PLL_N_I
PLL frequency disivor, integer part.
{PLL_N_I, PLL_N_F} is a unsigned
number in u13.16 format, which
specifies the ratio of nominal system
clock (to 24MHz) over reference clock
frequency.
13'h0008
15:0
R/W
PLL_N_F
PLL frequency disivor, fractional part.
16'h0000
0x9F
1
7
-
Reserved
-
0
6
R/W
I2S_LOSS_DET_EN
1 :Enable LRCK/BCK loss check
0
5
R/W
I2C_TIME_OUT_SEL
1 : Reset Chip if I
2C timeout and
Cheh function enable
0
4
R/W
I2C_TIME_OUT
1 : Enable I
2C time out check
0
3
R
BCK_LOSS
1 : BCK loss
0
2
R
LRCK_LOSS
1 : LRCK loss
0
1
R
OCPN_FLAG
CLASS-D output stage low-side OC
flag
0
0
R
OCPP_FLAG
CLASS-D output stage high-side OC
flag
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com