Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 18Page - Richtek Technology Corporation RT5508 Datasheet HTML 19Page - Richtek Technology Corporation RT5508 Datasheet HTML 20Page - Richtek Technology Corporation RT5508 Datasheet HTML 21Page - Richtek Technology Corporation RT5508 Datasheet HTML 22Page - Richtek Technology Corporation RT5508 Datasheet HTML 23Page - Richtek Technology Corporation RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation RT5508 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
22
(seconds)
InitUpDoubleTime[7:0] : gain double time used for
signal just detected from silence mode.
UpDoubleTime, DnHalfTime, InitUpDoubleTime and
InitDnHalfTime are unsigned 8-bit number representing
the value 1/16~15.9375, 0x10 is normalized to 1.
ALCInitGain[2:0] : ALC initial gain when signal is
detected from silence mode. 0 ~ 21dB, 3dB step.
ALCMaxGain[2:0] : ALC maximum allowable gain. 0 ~
21dB, 3dB step.
Gain
DnFlag
DnFlag==1
??
ALC_period expired??
ALC_period expired??
yes
no
yes
no
yes
sPeak>sThres ||
xPeak>xThres ||
DCR>rThres
??
yes
no
Gain = ALCInitGain
PWDN/SUSPD/Off/F
ault/Mute
/SilenceReset
PWDN/SUSPD/Off/F
ault/Mute
/SilenceReset
DnFlag = 0
Figure 17. Gain Generation for ALC
Gain Limiter
The signal and excursion is limited to ensure the signal
is not clipped, and the excursion never growth over the
maximum allowable value.
The gain required to limit the signal and excursion are
calculated by :
Lmt
sThres
xThres
G
= min
,
,1
sPeak
xPeak



The parameters for Limiter control :
sThresLmt : Threshold of signal, specified by 0 to 1. 1
corresponds to the maximum allowable signal specified
by clipper module.
xThresLmt : Threshold of excursion, specified by 0 to 1.
1 corresponds to the maximum allowable excursion.
xThresLmtDamage : Threshold of excursion when
either resistance or excursion damage is detected.
DC Resistance Control Loop
DC Resistance Measurement
Metal coil resistance is highly linear dependent on the
temperature, for example the scale factor is +0.393%/C
for copper. The coil resistance is online monitored by
the speaker protection algorithm. The update is
disabled at PWDN/SUSPD/Off/Fault/Mute mode. A
register bit can be set to define if the DC resistance is
monitored or not in Silence mode.
The parameters for Coil Resistance :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com