Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 5Page - Richtek Technology Corporation RT5508 Datasheet HTML 6Page - Richtek Technology Corporation RT5508 Datasheet HTML 7Page - Richtek Technology Corporation RT5508 Datasheet HTML 8Page - Richtek Technology Corporation RT5508 Datasheet HTML 9Page - Richtek Technology Corporation RT5508 Datasheet HTML 10Page - Richtek Technology Corporation RT5508 Datasheet HTML 11Page - Richtek Technology Corporation RT5508 Datasheet HTML 12Page - Richtek Technology Corporation RT5508 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
9
Control Interface
Audio Interface 1
Base Band
Processor
E6
E7
VBST
VINB
E6
E7
VBST
VINB
1.8V
RT5508
RT5508
E2
E1
D2
D1
A3
B2
C2
A2
A1
B1
C1
A4
SDA
SCL
LRCK1
BCK1
DAI1
DATAO
LRCK2
BCK2
DAI2
DATAI
NC
NC
A5
A6
D7
B7
E4
B4
C4
D4
OUTA
OUTB
C7
A7
1.8V
Battery
LBST
CVBAT
CDVDD
CPVDD
1
μH
100nF
10
μF
22
μF
E3
E5
C6
B6
D6
E2
E1
D2
D1
A3
B2
C2
A2
A1
B1
C1
A4
SDA
SCL
LRCK1
BCK1
DAI1
DATAO
LRCK2
BCK2
DAI2
DATAI
NC
NC
A5
A6
D7
B7
E4
B4
C4
D4
1.8V
Battery
LBST
CVBAT
CDVDD
CPVDD
1
μH
100nF
10
μF
22
μF
E3
E5
C6
B6
D6
OUTA
OUTB
C7
A7
Figure 4. Stereo Mode Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com