Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation RT5508 Datasheet HTML 38Page - Richtek Technology Corporation RT5508 Datasheet HTML 39Page - Richtek Technology Corporation RT5508 Datasheet HTML 40Page - Richtek Technology Corporation RT5508 Datasheet HTML 41Page - Richtek Technology Corporation RT5508 Datasheet HTML 42Page - Richtek Technology Corporation RT5508 Datasheet HTML 43Page - Richtek Technology Corporation RT5508 Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
40
ADDR
Byte
Bits
R/W
Name
Description
Default
0x51
2
15:0
R/W
CalibReq
Calibration frequency
= round (2*f_Hz /fs*65536); fs = 48000
0
0x52
2
15:0
R/W
GalibGain
Gain of the signal, ranged in [0,1),
bit[15] is sign-bit and should be 0 for
positive value
0
0x53
4
31:0
R
CalibOut0
Output #1 of calibration data
0x54
4
31:0
R
CalibOut1
Output #2 of calibration data
0x55
1
7:0
R/W
xThresLmtDamage
Excurstion threshold for gain limiter when
damage mode is detected
1/128 to 1, 0x80 normalized to 1
8'h1a
0x56
1
7:0
R/W
rMaxDamage
Maximum allowable DCR growth ratio to
regard coil as damaged
1/256 to 255/256
8'hcd
0x57
1
7:0
R/W
fScaleDamge
If the value of SetResFreq/GetResFreq or
GetResFreq/SetResFreq is less than this
factor, then the diaphragm is regarded as
damaged
fScaleDamge represents : 1/256 to
255/256
8'h80
0x58
1
7:4
-
Reserved
-
3:0
R/W
RecoveryTime
The time to exit the damage mode after
the RMAXDMGE or FSCALDMGE criteria
is no longer violated.
Range for 0 to 15s
0
0x59
2
15:0
R/W
SetResFreq
Preset resonant frequency for damage
detection
SetResFreq = round(2*fres /fs*65536);
fs = 48000
16'h889
0x5A
2
15:0
R
GetResFreq
Estimated resonant frequency
fres (Hz) = GetResFreq/65536 *fs/2
0x5B
1
7:3
-
Reserved
-
2:0
R/W
VOLCTRL
Ramp control when new volume setting is
different from old setting :
000: No ramp up/down
001 : 0.5dB per 4 samples
010 : 0.5dB per 8 samples
011 : 0.5dB per 16 samples
100 : 0.5dB per 32 samples
101 : 0.5dB per 64 samples
Others : reserved
3'b001
0x5C
1
7:0
R/W
VOLUME
Volume, downward
0 to
127.5dB in 0.5dB step
0
0x5D
4
31:0
R
CalibOutX
Output #2 of calibration X data
0x5E
4
31:0
R
CalibOutY
Output #2 of calibration Y data
0x60
20
159:128
R/W
bq_1_b0
u[31:26], b0[25:0]
32'h00000000
127:96
R/W
bq_1_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_1_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_1_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_1_a2
u[31:26], a2[25:0]
32'h00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com