Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 27Page - Richtek Technology Corporation RT5508 Datasheet HTML 28Page - Richtek Technology Corporation RT5508 Datasheet HTML 29Page - Richtek Technology Corporation RT5508 Datasheet HTML 30Page - Richtek Technology Corporation RT5508 Datasheet HTML 31Page - Richtek Technology Corporation RT5508 Datasheet HTML 32Page - Richtek Technology Corporation RT5508 Datasheet HTML 33Page - Richtek Technology Corporation RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
31
ADDR
Byte
Bits
R/W
Name
Description
Default
3:0
R/W
I2SDOLS
DATAO left channel output selection
(DATA.L format: Q0.23)
0x0 : DATAI3 left = DATAO.L
0x1 : DATAI3 right = DATAO.L
0x2 : gain information = DATAO.L
0x3 : voltage output w/o pilot = DATAO.L *
16
0x4 : voltage output w/I pilot = DATAO.L
0x5 : corrent sense result = DATAO.L
0x6 : (voltage output w/I pilot)*current
sense = DATAO.L * 16
0x7 : EQ_DATA_OUT = DATAO.L
0x8 : DAC_DATA_IN = DATAO.L
0x9 : voltage input for excursion
estimation = DATAO.L
0xa : est. current (for sys. identification) =
DATAO.L
0xb : estimated velocity = DATAO.L * 16
0xc : digital maximum allowable absolute
data = DATAO.L
0xd : side channel gain = DATAO.L
0xe : voltage from spkfb = DATAO.L
0xf : speaker protection input data =
DATAO.L
4'h4
0x08
1
7:2
-
Reserved
-
1
R/W
I2SDOS
DATAO pass through selection
0 : DATAO is from I2SDOR/L
1 : DATAO is from DATAI3
0
0
R/W
I2SDOE
DATAO output enable
0 : Disable
1 : Enable
0
0x09
1
7
-
Reserved
-
6
R/W
STRSYNC
Gain Synchronize in stereo mode
0
: Don’t sync
1 : Sync to use minimum gain from two
channels
0
5
R/W
LMTEN
Limiter Enable
0 : Disabe
1 : Enable
0
4
R/W
ALCEN
ALC gain Control enable
0 : Disable
1 : Enable
0
3
R/W
MBDRCEN
Multi-Band DRC Enable
0 : Disable
1 : Enable
0
2
R/W
BWEEN
LPF+BWE enable
0 : Disable, output zero at lower branch
1 : Enable
0
1
R/W
HPFEN
HPF enable
0 : Bypass at upper branch
1 : Enable
0
0
R/W
BQEN
10 Band BQ Enable
0 : ByPass 10 band BQ
1 : Enable 10 band BQ
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com