Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation RT5508 Datasheet HTML 38Page - Richtek Technology Corporation RT5508 Datasheet HTML 39Page - Richtek Technology Corporation RT5508 Datasheet HTML 40Page - Richtek Technology Corporation RT5508 Datasheet HTML 41Page - Richtek Technology Corporation RT5508 Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
38
ADDR
Byte
Bits
R/W
Name
Description
Default
0x40
1
7
-
Reserved
-
6:5
R/W
spsTh4Si
Scalable power stage threshold select for
system identification
2’b11
4
R/W
SglEn
Adaptation enabled in single-tone case
0 : disable
1 : enable
0
3:2
R/W
SIBlocks
Adaptation blocks
00 : 8
01 : 16
10 : 32
11 : 64
2’b00
1:0
R/W
SIOrd
Filter order
00 : 2
01 : 3
10 : 4
11 : 5
2’b01
0x41
1
7:0
R/W
InitImpIDMu
Initial adaptation step size
1/128 to 255/128
8’h04
0x42
1
7:0
R/W
ImpIDMu
Normal adaptation step size
1/2048 to 255/2048
8’h02
0x43
1
7:0
R/W
gPilot
Gain of pilot (in digital domain)
1/4096 to 255/4096 (gPilot*1/16); gPilot =
1/256 to 255/256
8’h11
0x44
1
7:2
R/W
TRXdelay[5:0]
0
1
R/W
slPilotEN
Pilot enable in silence mode
0
0
R/W
PilotEN
Pilot enable
0
0x45
1
7
-
Reserved
-
6:4
R/W
PilotScale
Scale-up factor = 2^PilotScale
to scale up the output of HPF to extract the
pilot
0
3
R/W
iSenseInv
inverse the sign of the current sensing
data
0
2:0
R/W
iSenseScale
Scale-up factor = 2^iSenseScale
to let CRx/CTx in the range of [1, 2) at
calibration phase
0
0x46
3
23:0
R/W
iSenseGain
Gain of current sense loop, normalized to
32
Read/Write to OTP if SenseGPGMEN = 1
Read/Write to local register if
SenseGPGMEN = 0
24'h800000
0x47
3
23:0
R/W
Rapp
Application resistance, normalized to 32Ω
0
0x48
1
7:0
R/W
rMaxExcess
Maximum allowable DCR growth ratio
1/256 to 255/256
0
0x49
2
15:11
-
Reserved
-
10:8
R/W
PdictWeightExp
PdictWeight = PdictWeightMant *
2^PdictWeightExp
PdictWeightExp = 0 to 7
3’h7
7:0
R/W
PdictWeightMant
1/128 to 255/128, 0x80 normalized to 1
8’h80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com