Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 33Page - Richtek Technology Corporation RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation RT5508 Datasheet HTML 38Page - Richtek Technology Corporation RT5508 Datasheet HTML 39Page - Richtek Technology Corporation RT5508 Datasheet HTML 40Page - Richtek Technology Corporation RT5508 Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
37
ADDR
Byte
Bits
R/W
Name
Description
Default
0x32
2
15:14
-
Reserved
-
13:9
R/W
delayGain[4:0]
The gain delay which is used to
synchronize left channel and right channel
5'h00
8:0
R/W
tDelay
Look-ahead delay samples
The behavior is undefined if tDelay = 0
9'h64
0x33
1
7:2
-
Reserved
-
1:0
R/W
tAttackSel
Attack Time Selection :
00 : 0ms
01 : 0.1ms
10 : 0.2ms
11 : 0.3ms
2'b10
0x34
2
15:0
R/W
tRelease
Release Time constant (1-RT)
16'h7fce
0x35
2
15:0
R/W
tHoldRelease
Hold Release Time constant
(1-RT)^tDelay
16'h6dd3
0x38
1
7:0
R/W
sThresLmt
Signal threshold for gain limiter
0 to 255/128, 0x80 normalized to 1
8’h80
0x39
1
7:0
R/W
xThresLmt
Excurstion threshold for gain limiter
0 to 255/128, 0x80 normalized to 1
8’h80
0x3A
1
7:0
R/W
sThresALC
Signal threshold for automatic gain
controller
0 to 255/128, 0x80 normalized to 1
8’h40
0x3B
1
7:0
R/W
xThresALC
Excursion threshold for automatic gain
controller
0 to 255/128, 0x80 normalized to 1
8’h40
0x3C
1
7:0
R/W
InitUpDoubleTime
Gain up double time for initial active
1/16 to 15.9375, 0x10 normalized to 1
8’h04
0x3D
1
7:0
R/W
UpDoubleTime
Gain up double time
1/16 to 15.9375, 0x10 normalized to 1
8’h10
0x3E
1
7:0
R/W
DnHalfTime
Gain down half time
1/16 to 15.9375, 0x10 normalized to 1
8’h40
0x3F
1
7
-
Reserved
-
6:4
R/W
ALCMaxGain
ALC maximum gain
0 to 21dB (ALCMaxGain * 3dB)
3'b111
3
-
Reserved
-
2:0
R/W
ALCInitGain
ALC initial gain
0 to 21dB (ALCInitGain * 3dB)
3'b000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com