Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 40Page - Richtek Technology Corporation RT5508 Datasheet HTML 41Page - Richtek Technology Corporation RT5508 Datasheet HTML 42Page - Richtek Technology Corporation RT5508 Datasheet HTML 43Page - Richtek Technology Corporation RT5508 Datasheet HTML 44Page - Richtek Technology Corporation RT5508 Datasheet HTML 45Page - Richtek Technology Corporation RT5508 Datasheet HTML 46Page - Richtek Technology Corporation RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
44
Analog Block Register
ADDR
Byte
Bits
R/W
Name
Description
Default
0x80
1
7
R/W
SW_RESET
1 : Software Reset
0
0
-
Reserved
-
0
0x81
1
7:5
R/W
D_SPK_BOOST[2:0]
Class D gain control [000:110] = 0 to
15db/3db
3'b100
4:0
R/W
D_SPKLPF_VOL[4:0]
PGA Feedback Gain control RF
[0000~1111] =
31db to 0db/1db
4'b10111
0x82
1
1:0
R/W
D_PGA_SPKPGA_VOL[1:0]
PGA Input Gain control
00 =
6db
01 =
3db
10 = 0db
11 = 3db
2'b11
0x86
1
7
R/W
D_VMID_EN
VMID enable (AVDD/2)
0
6
R/W
D_VMID_FAST
VMID quick charge
0
5:4
R/W
D_ITH_OCP_BB[1:0]
Over-current threshold level of boost
converter
2'b01
3:0
R/W
D_IR_RAMP[3:0]
slop compensation select option
4'b1000
0x88
1
7
R/W
D_CS_EN
Current sense enable
1 = enable 0 disable
0
6:5
R/W
D_CS_SEL[1:0]
CK_CS_CHP frequence selection
00 : 256K
01 : 128K
10 : 64K
11 : 32KHz
2'b00
4:0
-
Reserved
-
0x8A
1
7
R/W
D_BUF_EN
SPK_DAC buffer and CS_ADC buffer
enable
0
6
R/W
D_BIAS_EN
Analog V2I bias enable
0
5
R/W
D_IMADC_DCHP_EN
IMADC chopper enable
0
4
R/W
D_IMADC_EN
IMADC enable (Vbattery,temp and
current DAC sense)
0
3
R/W
D_IM_GAIN_SEL
IMADC PREAMP gain setting 1: X10,
0 : X5
0
2:0
R/W
D_IPTAT_VAR[2:0]
IPTAT current select (8.0
A to
12.67
A) 011:10A with 1.66A delta
3'b011
0x8B
2
15:0
R/W
vbat_data[15:0]
read mode : read vbat_data value
from vbt_sens
write mode : when 0xC8
vbat_data_tst_en is set to 1,
vbat_data is from this register
16'h0000
0x8C
2
15:0
R/W
vtherm_data[15:0]
read mode : read vtherm_data value
from vbt_sens
write mode : when 0xC8
vtherm_data_tst_en is set to 1,
vtherm_data is from this register
16'h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com