Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 42Page - Richtek Technology Corporation RT5508 Datasheet HTML 43Page - Richtek Technology Corporation RT5508 Datasheet HTML 44Page - Richtek Technology Corporation RT5508 Datasheet HTML 45Page - Richtek Technology Corporation RT5508 Datasheet HTML 46Page - Richtek Technology Corporation RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
46
ADDR
Byte
Bits
R/W
Name
Description
Default
0x95
1
7
-
Reserved
-
6
R/W
DAC_SEL
1 : RHP_DAC_EN only,
0 : RHP_DAC_EN + LHP_DAC_EN
0
5
R/W
ADC_HPF_EN
ADC high-pass filter enable
0
4
R/W
ADC_CLK_INV
Only for FPGA. Invert the ADC_CLK
port
0
3
R/W
D_OTP_TM_EN
OTP test mode enable, change OTP
Threshold level to 0 degree around
0
2:0
-
Reserved
-
2'b00
0x96
1
7
R/W
ovp_prot_en
OVP protection enable :
1 : enable ovp protection
0 : disable
0
6
R/W
uvp_prot_en
UVP protection eenable :
1 : enable uvp protection
0 : disable
0
5
R/W
cd_ocp_prot_en
Class-D OCP protection enable :
1 : enable class-d ocp protection
0 : disable
0
4:1
R/W
gpwm_lv_reg[3:0]
Digital GPWM setting for triangle
Vp-p, 0000 : 0.5Vpp to 1111 :
1.1Vpp@30mVpp
4'h0
0
R/W
gpwm_lv_source
digital GPWM setting source :
0 : from digital state machine
1 : from register 0x96[4:1]
0
0x97
1
0
R/W
PLL_FREERUN
1 : PLL free run mode
1'b1
0x9a
1
7
R/W
bypass_vsettle
Enable to bypass vref_settle for
internal dcm_en
1
6
R/W
bypass_il0
Enable to bypass iL0 for internal
dcm_en
1
5:4
R/W
PLL_BW_RATIO
Kp / Ki ratio :
2'b00 -> Kp = 1; Ki = 1/8
2'b00 -> Kp = 1; Ki = 1/16
2'b00 -> Kp = 1; Ki = 1/32
2'b00 -> Kp = 1; Ki = 1/64
2'b01
3
R/W
PLL_DZONE_MODE
dead-zone mode:
1 : accumlate Kp path, larger BW.
0 : skip Ki path, smaller BW.
1'b1
2
R/W
PLL_NDSM_MODE
DSM order for fractional-N mode
0 : 1
st order
1 : 2
nd order
1'b1
1:0
R/W
PLL_REF_DIV[1:0]
Input reference frequency divided
ratio
2'b00 -> FREF
2'b01 -> FREF/2
2'b10 -> FREF/4
2'b11 -> FREF/8
2'b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com