Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5508 Datasheet HTML 1Page - Richtek Technology Corporation RT5508 Datasheet HTML 2Page - Richtek Technology Corporation RT5508 Datasheet HTML 3Page - Richtek Technology Corporation RT5508 Datasheet HTML 4Page - Richtek Technology Corporation RT5508 Datasheet HTML 5Page - Richtek Technology Corporation RT5508 Datasheet HTML 6Page - Richtek Technology Corporation RT5508 Datasheet HTML 7Page - Richtek Technology Corporation RT5508 Datasheet HTML 8Page - Richtek Technology Corporation RT5508 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Output Power
Po
1kHz, PVDD = 3.6V, 8
 load,
1%THD+N
--
0.65
--
W
1kHz, PVDD = 5.3V, 8
 load,
1%THD+N
1.5
1.6
--
W
Power Supply Rejection
Ratio
PSRR
217Hz ripple = 200mVpp, Boost active
--
80
--
dB
Quiescent Current (VBAT)
IQ_VBAT
Normal operation, Speaker protection
Bypassed
--
2
--
mA
Quiescent Current (DVDD)
IQ_DVDD
Normal operation, Speaker protection
Bypassed
--
12
--
mA
Efficiency
η
Output efficiency, 1kHz, Boost active
--
80
--
%
Over-Temperature
Protection
OTP
130
--
150
°C
Over-Current Protection
OCP
1.5
--
--
A
The Recovery Time of SC
--
200
--
ms
Under-Voltage Protection
UVP
2.2
2.4
--
V
I2C Interface Electrical Characteristics
(Note 5)
SDA, SCL Input Threshold
VIH
0.7 x
DVDD
--
--
V
VIL
--
--
0.3 x
DVDD
V
Pull-Down Current
IFO2
--
2
--
A
Digital Output Low (SDA)
VOL
IPULLUP = 3mA
--
--
0.4
V
Clock Operating Frequency
fSCL
--
--
400
kHz
Bus Free Time Between Stop
and Start Condition
tBUF
1.3
--
--
s
Hold Time After (Repeated)
Start Condition
tHD,STA
0.6
--
--
s
Repeated Start Condition
Setup Time
tSU,STA
0.6
--
--
s
Stop Condition Time
tSU,STD
0.6
--
--
s
Data Hold Time
tHD,DAT
(OUT)
225
--
--
ns
Input Data Hold Time
tHD,DAT
(IN)
0
--
900
ns
Data Setup Time
tSU,DAT
100
--
--
ns
Clock Low Period
tLOW
1.3
--
--
s
Clock High Period
tHIGH
0.6
--
--
s
Clock Data Fall Time
tF
20
--
300
ns
Clock Data Rise Time
tR
20
--
300
ns
Spike Suppression Time
tSP
--
--
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com