Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 29Page - Richtek Technology Corporation RT5508 Datasheet HTML 30Page - Richtek Technology Corporation RT5508 Datasheet HTML 31Page - Richtek Technology Corporation RT5508 Datasheet HTML 32Page - Richtek Technology Corporation RT5508 Datasheet HTML 33Page - Richtek Technology Corporation RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
33
ADDR
Byte
Bits
R/W
Name
Description
Default
0x16
1
7:6
R/W
IDAC3_R
IDAC3 resolution (
A) :
00 : 0.05/16
01 : 0.1/16
10 : 0.15/16
11 : 0.2/16
2’b01
5:4
-
Reserved
-
3:2
R/W
KP_GAIN
Kp parameter gain :
00 : 0.5x
01 : 1x
10 : 2x
11 : 4x
2’b01
1:0
R/W
KI_GAIN
Ki parameter gain :
00 : 0.5x
01 : 1x
10 : 2x
11 : 4x
2’b01
0x1B
1
7:0
R/W
VBAT_GAIN
Mapping VBAT 1LSB to real value (1LSB
= 1/1024V) :
Ex. VBAT 1LSB = 5mV
VBAT_GAIN = 0.005/(1/1024) * 32 =
8’h7E
0x1E
1
7:2
R/W
IPEAK_LOW
ipeak low limit
6’hA
1:0
R/W
BST_MODE
Boost mode :
00 : disable
01 : battery
10 : fixed
11 : adaptive
2’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com