Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 11Page - Richtek Technology Corporation RT5508 Datasheet HTML 12Page - Richtek Technology Corporation RT5508 Datasheet HTML 13Page - Richtek Technology Corporation RT5508 Datasheet HTML 14Page - Richtek Technology Corporation RT5508 Datasheet HTML 15Page - Richtek Technology Corporation RT5508 Datasheet HTML 16Page - Richtek Technology Corporation RT5508 Datasheet HTML 17Page - Richtek Technology Corporation RT5508 Datasheet HTML 18Page - Richtek Technology Corporation RT5508 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
15
DATA Output (I
2
S)
Power ON init (I
2
C)
Amp on setting (I
2
C)
VDDD, VBAT
PWDN (Reg)
BCK (I
2
S)
(SUSP)
Power on
OP
6ms
30ms
30ms
1ms
Figure 7. Power ON Sequence
VDDD, VBAT
PWDN (Reg)
BCK (I
2
S)
DATA Output (I
2
S)
Amp off setting (I
2
C)
Amp off
65ms
(SUSP)
power off
OP
Figure 8. Power OFF Sequence
I
2S Mode Change without PWDN
Suspend mode is detected if the clock source from I2S
is
not
valid
according
to
the
value
of
I2SFORMAT/I2SRATE. In this case, soft muting is
implemented before entering suspend mode. In the
opposite situation, if the clock source from I2S is
detected valid again, signal ramp up is implemented at
the start after it enters the operating mode.
The above procedure is shown in Figure 9.
BCK (I
2
S)
SUSP
OP
Amp Output
OP
ramp down
ramp up
Figure 9. I2S Mode Change without PWDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com