Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 22Page - Richtek Technology Corporation RT5508 Datasheet HTML 23Page - Richtek Technology Corporation RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation RT5508 Datasheet HTML 26Page - Richtek Technology Corporation RT5508 Datasheet HTML 27Page - Richtek Technology Corporation RT5508 Datasheet HTML 28Page - Richtek Technology Corporation RT5508 Datasheet HTML 29Page - Richtek Technology Corporation RT5508 Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
26
Boost Converter
current sense
ADC
DAC
digital
control
impedance & VREF
IPEAK
Isensed
D
VREF
Figure 22. Boost converter schematic
A built-in boost converter is used to adjust class-D
supply voltage.
This converter could be operated in 4
different modes which are :
Disable Mode, in this case class-D is powered
externally, boost converter is off.
Battery Mode, VBST = VBAT, boost converter is
powered, but MOS is switched to OFF state at all
times.
Fixed Mode, VBST = VBSTPG, VBAT is boosted to a
certain value.
Adaptive Mode, VBST depends on the level of signal
The boost mode can be selected via BBMODE at
register 0x14.
When
boost
converter
is
powered
and
in
Boost/Adaptive mode, it tries to regulate the output
voltage VBST to a desired value. The switching
frequency fSW is 2.048MHz (for fs = 8/12/16/24/32
kHz)/1.8816MHz (for fs = 11.025/22.05/44.1kHz).
The digital control logic inside this converter collects
VREF/load/Vo information and then output a IPEAK
value to general a proper D value which makes Vo
equals VREF. When in adaptive mode, boost converter
can be used to generate required class-D power supply
according to VBAT, TH1/TH2/TH3, THT1/THT2/THT3
and TOT where TH1/2/3, THT1/2/3 and TOT is at
register 0x10 to 0x13.The detail function is shown
below :
500us/1ms/2ms/4ms
Figure 23. Illustration for Adaptive Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com