Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 20Page - Richtek Technology Corporation RT5508 Datasheet HTML 21Page - Richtek Technology Corporation RT5508 Datasheet HTML 22Page - Richtek Technology Corporation RT5508 Datasheet HTML 23Page - Richtek Technology Corporation RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation RT5508 Datasheet HTML 26Page - Richtek Technology Corporation RT5508 Datasheet HTML 27Page - Richtek Technology Corporation RT5508 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
24
setting that disables this function.
This value of rMaxDamage should be set correctly
considering the material dependent scale factor and
the
ambient
temperature
when
the
resistance
calibration procedure is activated.
Volume Control
The volume control can be set from
127.5dB to 0dB,
with step = 0.5dB. The control timing is illustrated as in
Figure . When a new gain is set by I2C, the hardware
will change from the original setting in step of 0.5dB/∆T,
where ∆T is the step size with the following options :
∆T = 4, 8, 16, 32, 64 samples, or ∆T = 0 stands for no
ramping up / down is applied.
When mute mode is set by I2C or detected by hardware,
the volume setting is overruled, but the original gain
setting is kept in hardware, allows to be recovered to
the original state.
Volume control can be bypassed by register.
Gain (dB)
Time (spls)
Gold
Gnew
∆T
0.5dB
Figure 18. Volume Control Timing Graph
Clip Control
0V(disable)
2.5V
3V
3.5V
Slope = 2.5V/V
Slope = 3.125V/V
Slope = 3.4375V/V
CPSLP
MINCLS
VBCPS
2.85V to3.9V
Vo (threshold)
VBAT
Slope = 2.8125V/V
Figure 19. Clipping Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com