Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 6Page - Richtek Technology Corporation RT5508 Datasheet HTML 7Page - Richtek Technology Corporation RT5508 Datasheet HTML 8Page - Richtek Technology Corporation RT5508 Datasheet HTML 9Page - Richtek Technology Corporation RT5508 Datasheet HTML 10Page - Richtek Technology Corporation RT5508 Datasheet HTML 11Page - Richtek Technology Corporation RT5508 Datasheet HTML 12Page - Richtek Technology Corporation RT5508 Datasheet HTML 13Page - Richtek Technology Corporation RT5508 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
10
Typical Operating Characteristics
Power Dissipation vs. Output Power
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
Output Power (W)
f = 1kHz, RL = 8 + 22μH
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Output Power (W)
f = 1kHz, RL = 8 + 22μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com