Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 45 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 45 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 41Page - Richtek Technology Corporation RT5508 Datasheet HTML 42Page - Richtek Technology Corporation RT5508 Datasheet HTML 43Page - Richtek Technology Corporation RT5508 Datasheet HTML 44Page - Richtek Technology Corporation RT5508 Datasheet HTML 45Page - Richtek Technology Corporation RT5508 Datasheet HTML 46Page - Richtek Technology Corporation RT5508 Datasheet HTML 47Page - Richtek Technology Corporation RT5508 Datasheet HTML 48Page - Richtek Technology Corporation RT5508 Datasheet HTML 49Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
45
ADDR
Byte
Bits
R/W
Name
Description
Default
0x8D
1
7:6
R/W
D_IB_CMP_OVP[1:0]
OVP option selection Delta = 3.125%
00 : 5.8V
01 : 6.0V
10 : 6.2V
11 : 6.4V
2'b01
5
R/W
vbt_sense_auto_en
battery/temperature auto sense
enable :
1 : enable battery/temperature auto
sense
0 : disable
1'b0
4:2
R/W
vbt_sense_time_sel[2:0]
battery/temperature sense period :
000 : sense every 16ms
001 : sense every 32ms
010 : sense every 64ms
011 : sense every 128ms
100 : sense every 256ms
101 : sense every 512ms
110 : sense every 1024ms
111 : sense every 2048ms
3'b0
1:0
R/W
vbt_sense_clk_sel[1:0]
battery/temperature sense ADC clock
frequency selection :
00 : 384KHz
01 : 192KHz
10 : 96KHz
11 : 48KHz
2'b0
0x90
1
7
R/W
D_CK_POR_EN
POR internal clcok generator enable
1
6
R/W
D_DAC_CHP_EN
HP DAC Chopper enable
0
5:4
R/W
D_IB_ADC_BUF[1:0]
Bias current option for ADC buffer ,01
= 50%, 10 = 100%, 11 = 150%
2'b01
3
R/W
D_VBG_SEL_VREF
Bandgap Internal LDO reference
select
1
2:0
R/W
D_OTP_TSEL[2:0]
OTP threhold select,Option range =
98 to 182, Step = 13 to 10,Default =
138 (011)
3'b011
0x94
1
7
R/W
D_VBG_Double_SEL
Pre-LDO and Quick-Charge turn-on
period during bandgap start-up,
0 : 2mSec/3mSec, 1 : 4mSec/6mSec
0
6
R/W
D_VBG_EN
Bandgap enable
0
5
R/W
DAC_CLK_INV
1 : Invert DAC clock
0
4
R/W
DITH_EN
1 : Enable DAC SDM dither
0
3:2
R/W
DITH_PWR[1:0]
Dither power option
2'b00
1:0
R/W
SDM_SEL[1:0]
SDM type select
00: 3 level typ 1 01 : 3 level typ 2 10 :
2 level
2'b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com