Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 14Page - Richtek Technology Corporation RT5508 Datasheet HTML 15Page - Richtek Technology Corporation RT5508 Datasheet HTML 16Page - Richtek Technology Corporation RT5508 Datasheet HTML 17Page - Richtek Technology Corporation RT5508 Datasheet HTML 18Page - Richtek Technology Corporation RT5508 Datasheet HTML 19Page - Richtek Technology Corporation RT5508 Datasheet HTML 20Page - Richtek Technology Corporation RT5508 Datasheet HTML 21Page - Richtek Technology Corporation RT5508 Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
18
Sampling Rate Delay
The SRC introduces delay with respect to different I2S sampling rates, which is shown in Table 2.
Table. 2Sampling Rate Conversion Delay
I2S sampling rate
Delay
Absolute Delay
fs = 8k
29/fs
3.6ms
fs = 11.025k
28/fs
2.5ms
fs = 12k
28/fs
2.3ms
fs = 16k
29/fs
1.8ms
fs = 22.05k
26/fs
1.2ms
fs = 24k
26/fs
1.1ms
fs = 32k
29/fs
0.9ms
fs = 44.1k
0/fs
0ms
fs = 48k
0/fs
0ms
The I2S signals at different sampling rate are all
up-sampled to 48ksps or 44.1ksps before DSP
processing or pass-through to PWM + class D amplifier.
The data path delay is dominated by the group delay of
SRC, the look-ahead delay of gain limiter, and some
minor delay in SPK protection algorithm (<0.5ms).
For example: the worst case loopback delay of I2S may
be about 16ms (3.6*2+8+0.5) if fs = 8k and look-ahead
delay = 8ms.
Signal Processing Path
After sampling rate conversion, the signal is processed
by two sub-functions as shown in Figure 13. The
pre-filters are some audio effect related functions, and
the SPK protection block is the core function for
speaker protection.
10 BiQ
HPF
LPF
BWE
D
I sense
Speaker
SI
DCR
impedance
Delay
Gain
Limit
Excur.
Calc.
ALC
Ampl.
Control
Excur.
Control
pilot
DCR.
Control
MBDRC
(Audio Effect) DSP
SPK Protection
Volume /
Ramp
↑↓
From
SRC
1
SPKE
Clip
VBAT
sense
S_clip
Figure 13. Signal Processing Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com