Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 10Page - Richtek Technology Corporation RT5508 Datasheet HTML 11Page - Richtek Technology Corporation RT5508 Datasheet HTML 12Page - Richtek Technology Corporation RT5508 Datasheet HTML 13Page - Richtek Technology Corporation RT5508 Datasheet HTML 14Page - Richtek Technology Corporation RT5508 Datasheet HTML 15Page - Richtek Technology Corporation RT5508 Datasheet HTML 16Page - Richtek Technology Corporation RT5508 Datasheet HTML 17Page - Richtek Technology Corporation RT5508 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
14
Mode Transition
The state machine of mode transition is shown in
Figure 6.
“Mute” mode is not shown in this figure since
it can be considered as the sub-mode of the normal
Operating mode, only with zero input signal.
The “Off” mode is usually used only in the power down
sequence, and is depicted in the next sub-clause.
After power on, the control bit will always be reset to
PWDN mode.
PWDN
OP
FAULT
SUSP
VDDD, VBAT valid = 1
PWDN = 0 (I
2
C)
BCK valid ?
BCK valid = 1
BCK valid = 0
Fault ?
OTP/OCP/OVP/UVP = 1
OTP/OCP/OVP/UVP = 0
Fault ?
OTP/OCP/OVP/UVP = 0
OTP/OCP/OVP/UVP = 1
PWDN = 1 (I
2
C)
OTP/OCP/OVP/UVP = 1
OTP/OCP/OVP/UVP = 0
(Check every 200ms)
PWDN = 1 (I
2
C)
PWDN = 1 (I
2
C)
Figure 6. Mode Transition
Power ON Sequence
The power on sequence is shown in Figure 7. After
power is valid, two groups of control signals should be
set, without specific order requirement between these
two groups :
1. I2C : PWDN, AMPE should be programmed. These
three bits can be programmed by single command
since they are at the same byte address.
2. I2C : I2SDIS, I2SFORMAT, I2SRATE set for
reference clock selection for PLL.
I2S : BCK should be valid on the specified interface.
If the PWDN is set to 0 before the BCK valid, it will go
to SUSP mode automatically. The output of amplifier
will be valid after entering OP mode, signal ramp up will
always be implemented when the mode transits from
PWDN or SUSP mode to OP mode.
Power OFF Sequence
The power off sequence is shown in Figure 8. PWDN
mode should be set before the power supplies
disconnected. To avoid pop or click, the amplifier
should be turned off by setting AMPE = 0 before power
down. Soft muting will also be enabled automatically if
AMPDS bit is set to 1, which further ensures a pop-free
procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com