Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 56 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 56 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 49Page - Richtek Technology Corporation RT5508 Datasheet HTML 50Page - Richtek Technology Corporation RT5508 Datasheet HTML 51Page - Richtek Technology Corporation RT5508 Datasheet HTML 52Page - Richtek Technology Corporation RT5508 Datasheet HTML 53Page - Richtek Technology Corporation RT5508 Datasheet HTML 54Page - Richtek Technology Corporation RT5508 Datasheet HTML 55Page - Richtek Technology Corporation RT5508 Datasheet HTML 56Page - Richtek Technology Corporation RT5508 Datasheet HTML 57Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
56
PD(MAX) = (125C  25C) / (33.5C/W) = 3W for a
WL-CSP-29B 2.87x2.07 (BSC) package
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance,
JA. The derating curve in
Figure 26 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.
Figure 26. Derating Curve of Maximum Power
Dissipation
Layout Consideration
For best performance of the RT5508, the below PCB
Layout guidelines must be strictly followed.
Place the decoupling capacitors as close as possible to
the DVDD pins. For achieving a good quality.
The traces of OUTA and OUTB should be kept equal
width and length respectively. The Bead+C should be
placed close to chip for better EMI performance. The
power trace of boost inductor is suggested to placed on
the external layers for higher current capability. For the
case of speaker impedance equal to 8
, trace width
greater than 60mil is recommended. The speaker
output trace width should be greater than 40mil and
total length from chip to connector do not longer than
1cm to minimize the power loss on the PCB trace.
The via numbers determine the current capability.
Typically, the boost converter trace need four via to
handle the current requirement around 2A.
PVDD
n.c.
n.c.
SDA
VBST
TEST2
TEST1
DVDD
INB
DGND
BGND
TEST5
SCL
OUTA
TEST4
PGND
TEST3
ADS1
DATAI
DAI1
ADS2
OUTB
DATAO
BCK1
LRCK1
TOP
2nd Layer
GND
3rd Layer
GND & I/O
Bottom
BEAD 0402
OUTA
Add the Bead+C
components close to
chip if needed
1.8V
Processor
Audio Interface 1
Control Interface
VBAT
A
B
C
D
E
BCK2
LRCK2
DAI2
BEAD 0402
OUTB
Decoupling Capacitor
close to chip
Separated one path
after d-cap (CVBST)
for boosted supply
output (VBST)
VBAT
C0603
VBAT
C0805
VBST
1
2
3
4
5
6
7
Figure 27. PCB Layout Guide
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com