Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 32Page - Richtek Technology Corporation RT5508 Datasheet HTML 33Page - Richtek Technology Corporation RT5508 Datasheet HTML 34Page - Richtek Technology Corporation RT5508 Datasheet HTML 35Page - Richtek Technology Corporation RT5508 Datasheet HTML 36Page - Richtek Technology Corporation RT5508 Datasheet HTML 37Page - Richtek Technology Corporation RT5508 Datasheet HTML 38Page - Richtek Technology Corporation RT5508 Datasheet HTML 39Page - Richtek Technology Corporation RT5508 Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
36
ADDR
Byte
Bits
R/W
Name
Description
Default
0x26
1
7
R
D_OCP
Latch OC flag if EN_AMP_OCP_LATCH =
1 and cd_ocp_prot_en = 0
6:4
-
Reserved
-
3
R
OC_EV
OC event happens
2
R
OT_EV
OT event happens
1
R/W
OCP_EN
Over-current protection enable:
0 : Disable
1 : Enable
1’b0
0
R/W
OTP_EN
Over-temperature protection enable:
0 : Disable
1 : Enable
1’b0
0x2A
1
7
R/W
OTPPRG_EN
OTP memory programming enable
0 : Disable
1 : Enable
1’b0
6:0
-
Reserved
-
0x2B
1
7:6
-
Reserved
-
5:0
R/W
CC_MAX
IDAC1 peak value
6’b0
0x2C
1
7:6
-
Reserved
-
5:0
R/W
OCP_CURR
IDAC1 6-bit ocp enable level
6’b0
0x30
1
7:4
R/W
SilenceRestTime
Silence reset time:
0 to 15 seconds
4'b0001
3:0
R/W
sThresAct
Signal Active threshold:
0 to
90dB (sThresAct * -6dB)
4'b1010
0x31
1
7:6
-
Reserved
-
5:4
R/W
acqTimeSel
00 : 0.5s
01 : 1s
10 : 2s
11 : 4s
2'b01
3:2
R/W
SigDectWin
Signal Detection Window
00 : 5ms
01 : 10ms
10 : 20ms
11 : 40ms
2’b10
1:0
R/W
SToneRatio
Single Tone Ratio (To regard as single
tone case)
00 : 2
01 : 4
10 : 8
11 : 16
2’b00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com