Electronic Components Datasheet Search
  English  ▼

X  

RT5508 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5508 Datasheet HTML 19Page - Richtek Technology Corporation RT5508 Datasheet HTML 20Page - Richtek Technology Corporation RT5508 Datasheet HTML 21Page - Richtek Technology Corporation RT5508 Datasheet HTML 22Page - Richtek Technology Corporation RT5508 Datasheet HTML 23Page - Richtek Technology Corporation RT5508 Datasheet HTML 24Page - Richtek Technology Corporation RT5508 Datasheet HTML 25Page - Richtek Technology Corporation RT5508 Datasheet HTML 26Page - Richtek Technology Corporation RT5508 Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
23
RNML : Nominal resistance of coil (
)
RApp
:
The
application
resistance
between
amplifier and the loudspeaker, normalized to
RNML. The application resistance is assumed to
be constant through all time.
PI Control Loop :
The parameters for PI-control loop:
RMaxExcess : The maximum tolerable resistance
growth ratio. 8-bit unsigned number representing
the value 1/256 to 255/256
PdictWeight : The weighting of prediction
Kp: proportional gain of PI-controller
KiKpRatio : ratio of Ki/Kp
This value of rMaxExcess should be set correctly
considering the material dependent scale factor and
the
ambient
temperature
when
the
resistance
calibration procedure is activated.
Excursion Control Loop
Speaker (Impedance) Identification
IIR with 2nd to 5th order can be chosen in this
implementation. 3rd order is generally sufficient for the
mobile devices, and 5th order is reserved for the case
when vented-box is implemented. The impedance
coefficients update is disabled at PWDN/SUSPD/Off
/Fault/Mute mode or when the input signal power is
below the threshold of the signal detector (Silence
mode).
The parameters for impedance identification
SglEn : enable the adaptation in single-tone case
SIBlocks : block size to average coefficient update
vector
SIOrd : order of IIR filter
InitImpIDMu : step size to update coefficient in
initial stage
ImpIDMU : step size in normal stage
Excursion Prediction
The excursion is predicted by integrating the back emf,
which is induced by the coil movement and direct
proportional to its velocity scaled by the Bl factor.
Resistance Calibration :
A measurement of resistance is activated by register
control, after this procedure, the initial value of DCR is
saved to One-Time-Program (OTP) memory.
The command/status for DC Resistance Calibration :
DCRCalEn : Trigger the automatic DCR calibration
procedure once
InitDCR : Calibrated DC resistance value
Bl Calibration
Bl factor
)
0
(
can be calibrated to check if the preset
coefficient is adequate.
The command/status for Bl Calibration :
BlCalEn : Trigger the automatic Bl calibration
procedure once
InitBlFactor : Calibrated Bl factor
Speaker Damage Detection
In two cases the loudspeaker is considered as
damaged :
1. The DCR deviates for a scale above predefined
value.
2. The Resonant deviates for a scale above or below
predefined value.
The parameters for Damage detection :
rMaxDamage : Threshold of resistor growth,
specified by 0 to 1, represents the ratio with
respect to the value of initial calibrated resistor.
“0”
is a special setting that disables this function.
fScaleDamage : The boundary for resonant
frequency drift vs. the preset resonant frequency.
0~1,
fRes x fScaleDamage > fRes0 or fRes < fRes0 x
fScaleDamage will trigger the damage event.
DamgeRecoveryTime : The time (seconds) to
recovery from damaged situations. “0” is a special



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com