Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 121 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 121 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 117Page - SMSC Corporation LPC47M182 Datasheet HTML 118Page - SMSC Corporation LPC47M182 Datasheet HTML 119Page - SMSC Corporation LPC47M182 Datasheet HTML 120Page - SMSC Corporation LPC47M182 Datasheet HTML 121Page - SMSC Corporation LPC47M182 Datasheet HTML 122Page - SMSC Corporation LPC47M182 Datasheet HTML 123Page - SMSC Corporation LPC47M182 Datasheet HTML 124Page - SMSC Corporation LPC47M182 Datasheet HTML 125Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
121
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
7.25.12 Soft Power Down Mode
This mode is entered by executing a HALT instruction. The execution of program code is halted until
either RESET is driven active or a data byte is written to the DBBIN register by a master CPU. If this
mode is exited using the interrupt, and the IBF interrupt is enabled, then program execution resumes with
a CALL to the interrupt routine, otherwise the next instruction is executed. If it is exited using RESET then
a normal reset sequence is initiated and program execution starts from program memory location 0.
7.25.13 Hard Power Down Mode
This mode is entered by executing a STOP instruction. The oscillator is stopped by disabling the
oscillator driver cell. When either RESET is driven active or a data byte is written to the DBBIN register
by a master CPU, this mode will be exited (as above). However, as the oscillator cell will require an
initialization time, either RESET must be held active for sufficient time to allow the oscillator to stabilize.
Program execution will resume as above.
7.25.14 Interrupts
The LPC47M182 provides the two 8042 interrupts: IBF and the Timer/Counter Overflow.
7.25.15 Memory Configurations
The LPC47M182 provides 2K of on-chip ROM and 256 bytes of on-chip RAM.
7.25.16 Register Definitions
Host I/F Data Register
The Input Data register and Output Data register are each 8 bits wide. A write to this 8 bit register will load
the Keyboard Data Read Buffer, set the OBF flag and set the KIRQ output if enabled. A read of this
register will read the data from the Keyboard Data or Command Write Buffer and clear the IBF flag. Refer
to the KIRQ and Status register descriptions for more information.
Host I/F Status Register
The Status register is 8 bits wide.
Table 7.12 shows the contents of the Status register.
Table 7.12 - Status Register
D7
D6
D5
D4
D3
D2
D1
D0
UD
UD
UD
UD
C/D
UD
IBF
OBF
Status Register
This register is cleared on a reset. This register is read-only for the Host and read/write by the LPC47M182
CPU.
UD
Writable by LPC47M182 CPU. These bits are user-definable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com