Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 124 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 124 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 120Page - SMSC Corporation LPC47M182 Datasheet HTML 121Page - SMSC Corporation LPC47M182 Datasheet HTML 122Page - SMSC Corporation LPC47M182 Datasheet HTML 123Page - SMSC Corporation LPC47M182 Datasheet HTML 124Page - SMSC Corporation LPC47M182 Datasheet HTML 125Page - SMSC Corporation LPC47M182 Datasheet HTML 126Page - SMSC Corporation LPC47M182 Datasheet HTML 127Page - SMSC Corporation LPC47M182 Datasheet HTML 128Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
124
SMSC LPC47M182
DATASHEET
8042
P92
Pulse
Gen
nKBDRST
KRST_GA20
configuration register
Bit 2
Bit 0
P20
KRST
nALT_RST
6us
14us
~~
6us
14us
~~
Note: When Port 92 is
disabled, writes are
ignored and reads return
undefined values.
Figure 7.1 – NKBDRST Circuit
Bit 1 of Port 92, the ALT_A20 signal, is used to force nA20M to the CPU low for support of real mode
compatible software. This signal is OR’ed with the A20GATE signal from the keyboard controller and
nKBDRST to control the nA20M input of the CPU. Writing a 0 to bit 1 of the Port 92 Register forces
ALT_A20 low. ALT_A20 low drives nA20M to the CPU low, if A20GATE from the keyboard controller is
also low. Writing a 1 to bit 1 of the Port 92 Register forces ALT_A20 high. ALT_A20 high drives nA20M to
the CPU high, regardless of the state of A20GATE from the keyboard controller. Upon reset, this signal is
driven low.
Table 7.15 – nA20M Truth Table
8042
P21
ALT_A20
SYSTEM
nA20M
0
0
0
0
1
1
1
0
1
1
1
1
Latches On Keyboard and Mouse IRQs
The implementation of the latches on the keyboard and mouse interrupts is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com