Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 134 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 134 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 130Page - SMSC Corporation LPC47M182 Datasheet HTML 131Page - SMSC Corporation LPC47M182 Datasheet HTML 132Page - SMSC Corporation LPC47M182 Datasheet HTML 133Page - SMSC Corporation LPC47M182 Datasheet HTML 134Page - SMSC Corporation LPC47M182 Datasheet HTML 135Page - SMSC Corporation LPC47M182 Datasheet HTML 136Page - SMSC Corporation LPC47M182 Datasheet HTML 137Page - SMSC Corporation LPC47M182 Datasheet HTML 138Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
134
SMSC LPC47M182
DATASHEET
Note:
The generation of a PME for this event is controlled by the PME enable bit (located in the PME_EN1
register at bit 5) when the logic for feature is turned on.
7.29
Fan Monitoring
The chip monitors the speed of the fans by utilizing fan tachometer input signals from fans equipped with
tachometer outputs. The fan tachometer inputs are monitored by using the Fan Tachometer registers.
These signals, as well as the Fan Tachometer registers, are described below.
7.29.1 Fan Tachometer Inputs
A fan tachometer input is used to measure the speed at which a fan is rotating. The fan tachometer input is
a train of square pulses with a 50% duty cycle (see Figure 7.5) that are derived from the magnetic fields
generated by the rotating rotor of the fan. The speed of the fan can be determined by calculating the
period of the Fan Tachometer input pulse.
Note:
All calculations are based on fans that emit 2 square pulses per revolution. Reading registers reflect a
count value for one complete revolution (2 pulses).
The clock source to the Fan Tachometer logic is 90kHz (nominal) derived from 14.318 MHz clock and is
active when VCC power is active.
Fan Tachometer Input
Clock Source for Counter
T
P
T
R = Revolution Time = 60/RPM (sec)
T
P = Pulse Time = TR/2
(Two Pulses Per Revolution)
F = 90kHz (nominal)
T
R
Figure 7.5 – Fan Tachometer Input and Clock Source
The counter is used to determine the period of the Fan Tachometer input pulse. This counter is reset on
the rising edge of every other fan tachometer input pulse, and thus measures the number of clock pulses
generated by the clock source for the duration of one fan tachometer revolution. Since two fan tachometer
input pulses are generated per revolution of the fan rotor, the speed of the fan is easily calculated. The fan
tachometer input resets the counter on every other pulse and simultaneously loads the count into its
respective reading register. This value is used by the operating system to monitor the speed of the fan.
The Fan Tachometer Reading registers contain the number of 11.11us periods (90kHz nominal) between
full fan revolutions. Fans produce 2 pulses per revolution. These registers are updated at least once every
second. This register is latched on the rising edge of every other fan tachometer pulse and when the fan
count reaches FFFFh. The value FFFFh indicates that the fan is not spinning (stalled fan event), or the
tachometer input is not connected to a valid signal (this could be triggered by a counter overflow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com