Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 136 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 136 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 132Page - SMSC Corporation LPC47M182 Datasheet HTML 133Page - SMSC Corporation LPC47M182 Datasheet HTML 134Page - SMSC Corporation LPC47M182 Datasheet HTML 135Page - SMSC Corporation LPC47M182 Datasheet HTML 136Page - SMSC Corporation LPC47M182 Datasheet HTML 137Page - SMSC Corporation LPC47M182 Datasheet HTML 138Page - SMSC Corporation LPC47M182 Datasheet HTML 139Page - SMSC Corporation LPC47M182 Datasheet HTML 140Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
136
SMSC LPC47M182
DATASHEET
The nHD_LED pin is used at the system’s front panel header to drive the hard drive activity LED. Note that
external LEDs should be driven such that the voltage at the nHD_LED pin does not exceed 5V. The output
is open-drain and should be externally pulled to VCC through a resistor.
Table 7.21 – nHD_LED Truth Table
INPUTS
OUTPUT
NPRIMARY_HD
NSECONDARY_HD
NSCSI
nHD_LED
NOTES
0
X
X
0
LED On
X
0
X
0
LED On
X
X
0
0
LED On
1
1
1
Hi-Z
LED Off
SMSC I/O
RED
VCC
nHD_LED
220 ohms
Figure 7.6 – NHD_LED Circuit
7.30.2 Yellow and Green Power LED Pins
Table 7.22-- LED Pins
NAME
BUFFER
POWER WELL
DESCRIPTION
GRN_LED
OD24
VTR
Green Power LED Open-Drain Output
YLW_LED
OD24
VTR
Yellow Power LED Open-Drain
Output
nSLP_S5
I
VTR
Input from South Bridge for
Transitioning to the S5 Power State
Note:
The LEDs require external pull-up to VTR.
The green and yellow LED outputs are controlled by the LED register accessible via the LPC bus. The
GRN_YLW bit controls which output is asserted. In addition, the SDY_BLK bit indicates whether the
selected LED is steady or blinking. The LED register is located at offset 10h in the Power Control Logical
Device (LD_NUM=O) or the Runtime Register Block Logical Device (LD_NUM=1).
These LED outputs are also controlled by the nSLP_S5 sleep input pin. The functionality is shown in the
table below.
The green and yellow LED outputs are powered by VTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com