Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 133 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 133 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 129Page - SMSC Corporation LPC47M182 Datasheet HTML 130Page - SMSC Corporation LPC47M182 Datasheet HTML 131Page - SMSC Corporation LPC47M182 Datasheet HTML 132Page - SMSC Corporation LPC47M182 Datasheet HTML 133Page - SMSC Corporation LPC47M182 Datasheet HTML 134Page - SMSC Corporation LPC47M182 Datasheet HTML 135Page - SMSC Corporation LPC47M182 Datasheet HTML 136Page - SMSC Corporation LPC47M182 Datasheet HTML 137Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
133
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Data transmissions from the keyboard consist of an 11-bit serial data stream. A logic 1 is sent at an active
high level. The following table shows the functions of the bits.
BIT
FUNCTION
1
Start bit (always 0)
2
Data bit 0 (least significant bit)
3
Data bit 1
4
Data bit 2
5
Data bit 3
6
Data bit 4
7
Data bit 5
8
Data bit 6
9
Data bit 7 (most significant bit)
10
Parity bit (odd parity)
11
Stop Bit (always 1)
The timing for the keyboard clock and data signals are shown in the “Timing Diagrams” section.
The process to find a match for the scan code stored in the Keyboard Scan Code register is as follows:
Begin sampling the data at the first falling edge of the keyboard clock following a period where the clock
line has been high for 115-145usec. The data at this first clock edge is the start bit. The first data bit
follows the start bit (clock 2). Sample the data on each falling edge of the clock. Store the eight bits
following the stop bit to compare with the scan code stored in the Keyboard Scan Code register. Sample
the comparator within 100usec of the falling edge of clock 9 (for example, at clock 10).
Sample the parity bit and check that the 8 data bits plus the parity bit always have an odd number of 1’s
(odd parity).
Repeat until a match is found. If the 8 data bits match the scan code stored in the Keyboard Scan Code
register and the parity is correct, then it is considered a match. When a match is found and if the stop bit
is 1, set the event status bit (bit 5 of the PME_STS1 register) to ‘1’ within 100usec of the falling edge of
clock 10.
The state machine will reset after 11 clocks and the process will restart. The process will continue until it is
shut off by setting the SPEKEY_EN bit (see following sub-section).
The state machine will reset if there is a period where the clock remains high for more than one keyboard
clock period (115-145usec) in the middle of the transmission (i.e., before clock 11). This is to prevent the
generation of a false PME.
The SPEKEY_EN bit at bit 1 of the CLOCKI32 register at 0xF0 in Power Control Block Logical Device
when LD_NUM=0 and the Runtime Register Block Logical Device when LD_NUM=1. This register is used
to control the “wake-on-specific feature. This bit is used to turn the logic for this feature on and off. It will
disable the 32kHz clock input to the logic. The logic will draw no power when disabled. The bit is defined
as follows:
0= “Wake on specific key” logic is on (default)
1= “Wake on specific key” logic is off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com