Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 101 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 101 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 97Page - SMSC Corporation LPC47M182 Datasheet HTML 98Page - SMSC Corporation LPC47M182 Datasheet HTML 99Page - SMSC Corporation LPC47M182 Datasheet HTML 100Page - SMSC Corporation LPC47M182 Datasheet HTML 101Page - SMSC Corporation LPC47M182 Datasheet HTML 102Page - SMSC Corporation LPC47M182 Datasheet HTML 103Page - SMSC Corporation LPC47M182 Datasheet HTML 104Page - SMSC Corporation LPC47M182 Datasheet HTML 105Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
101
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
7.8
EPP 1.7 Operation
When the EPP 1.7 mode is selected in the configuration register, the standard and bi-directional modes
are also available. If no EPP Read, Write or Address cycle is currently executing, then the PDx bus is in
the standard or bi-directional mode, and all output signals (STROBE, AUTOFD, INIT) are as set by the
SPP Control Port and direction is controlled by PCD of the Control port.
In EPP mode, the system timing is closely coupled to the EPP timing. For this reason, a watchdog timer is
required to prevent system lockup. The timer indicates if more than 10usec have elapsed from the start of
the EPP cycle to the end of the cycle. If a time-out occurs, the current EPP cycle is aborted and the time-
out condition is indicated in Status bit 0.
7.8.1
Software Constraints
Before an EPP cycle is executed, the software must ensure that the control register bits D0, D1 and D3
are set to zero. Also, bit D5 (PCD) is a logic “0” for an EPP write or a logic “1” for and EPP read.
7.9
EPP 1.7 Write
The timing for a write operation (address or data) is shown in timing diagram EPP 1.7 Write Data or
Address cycle. The chip inserts wait states into the I/O write cycle when nWAIT is active low during the
EPP cycle. This can be used to extend the cycle time. The write cycle can complete when nWAIT is
inactive high.
Write Sequence of Operation
1.
The host sets PDIR bit in the control register to a logic “0”. This asserts nWRITE.
2.
The host initiates an I/O write cycle to the selected EPP register.
3.
The chip places address or data on PData bus.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and
the WRITE signal is valid.
5.
If nWAIT is asserted, the chip inserts wait states into I/O write cycle until the peripheral deasserts
nWAIT or a time-out occurs.
6.
The chip drives the final sync, deasserts nDATASTB or nADDRSTRB and latches the data from the
internal data bus for the PData bus.
7.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.
7.10
EPP 1.7 Read
The timing for a read operation (data) is shown in timing diagram EPP 1.7 Read Data cycle. The chip
inserts wait states into the I/O read cycle when nWAIT is active low during the EPP cycle. This can be
used to extend the cycle time. The read cycle can complete when nWAIT is inactive high.
Read Sequence of Operation
1.
The host sets PDIR bit in the control register to a logic “1”. This deasserts nWRITE and tri-
states the PData bus.
2.
The host initiates an I/O read cycle to the selected EPP register.
3.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus is tri-stated, PDIR is set
and the nWRITE signal is valid.
4.
If nWAIT is asserted, the chip inserts wait states into the I/O read cycle until the peripheral
deasserts nWAIT or a time-out occurs.
5.
The Peripheral drives PData bus valid.
6.
The Peripheral deasserts nWAIT, indicating that PData is valid and the chip may begin the
termination phase of the cycle.
7.
The chip drives the final sync and deasserts nDATASTB or nADDRSTRB.
8.
Peripheral tri-states the PData bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com