Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 103 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 103 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 99Page - SMSC Corporation LPC47M182 Datasheet HTML 100Page - SMSC Corporation LPC47M182 Datasheet HTML 101Page - SMSC Corporation LPC47M182 Datasheet HTML 102Page - SMSC Corporation LPC47M182 Datasheet HTML 103Page - SMSC Corporation LPC47M182 Datasheet HTML 104Page - SMSC Corporation LPC47M182 Datasheet HTML 105Page - SMSC Corporation LPC47M182 Datasheet HTML 106Page - SMSC Corporation LPC47M182 Datasheet HTML 107Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
103
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
PeriphClk, nAck
HostAck, nAutoFd
PeriphAck, Busy
nPeriphRequest, nFault
nReverseRequest, nInit
nAckReverse, PError
Xflag, Select
ECPMode, nSelectln
HostClk, nStrobe
Reference Document: IEEE 1284 Extended Capabilities Port Protocol and ISA Interface Standard, Rev
1.14, July 14, 1993. This document is available from Microsoft.
The bit map of the Extended Parallel Port registers is:
D7
D6
D5
D4
D3
D2
D1
D0
NOTE
data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
ecpAFifo Addr/RLE
Address or RLE field
2
dsr
nBusy
nAck
PError
Select
nFault
0
0
0
1
dcr
0
0
Direction
ackIntEn
SelectI
n
nInit
autofd
strobe
1
cFifo
Parallel Port Data FIFO
2
ecpDFifo
ECP Data FIFO
2
tFifo
Test FIFO
2
cnfgA
0
0
0
1
0
0
0
0
cnfgB
compress intrValue
Parallel Port IRQ
Parallel Port DMA
ecr
MODE
nErrIntrE
n
dmaEn serviceIntr
full
empty
Note 1: These registers are available in all modes.
Note 2: All FIFOs use one common 16 byte FIFO.
Note 3: The ECP Parallel Port Config Reg B reflects the IRQ and DMA channel selected by the Configuration
Registers.
7.11
ECP Implementation Standard
This specification describes the standard interface to the Extended Capabilities Port (ECP). All LPC
devices supporting ECP must meet the requirements contained in this section or the port will not be
supported by Microsoft. For a description of the ECP Protocol, please refer to the IEEE 1284 Extended
Capabilities Port Protocol and ISA Interface Standard, Rev. 1.14, July 14, 1993. This document is
available from Microsoft.
7.11.1 Description
The port is software and hardware compatible with existing parallel ports so that it may be used as a
standard LPT port if ECP is not required. The port is designed to be simple and requires a small number of
gates to implement. It does not do any “protocol” negotiation, rather it provides an automatic high
burst-bandwidth channel that supports DMA for ECP in both the forward and reverse directions.
Small FIFOs are employed in both forward and reverse directions to smooth data flow and improve the
maximum bandwidth requirement. The size of the FIFO is 16 bytes deep. The port supports an automatic
handshake for the standard parallel port to improve compatibility mode transfer speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com